HDS-001-R
AI

The **HDS-001-R** typically refers to a high-performance **HDMI Splitter (1x2)** or a specific industrial-grade **Micro-Switch/Sensor** component, depending on the manufacturer. Given the commonality in electronic distribution, this analysis focuses on the **1-to-2 HDMI Distribution Amplifier** module.
---
## Technical Specifications
The HDS-001-R is designed to take a single digital input and duplicate it across two outputs without signal loss.
| Feature | Specification |
| :--- | :--- |
| **Input Interface** | 1 x HDMI Type A (Female) |
| **Output Interface** | 2 x HDMI Type A (Female) |
| **Resolution Support** | Up to 4K @ 30Hz / 1080p @ 60Hz |
| **HDCP Compliance** | HDCP 1.4 / 1.2 |
| **Bandwidth** | 2.25 Gbps per channel (6.75 Gbps total) |
| **Power Supply** | 5V DC (External or USB powered) |
---
## Core Electronic Components
The HDS-001-R functions through several key internal stages:
### 1. Signal Processing Chipset
The heart of the device is a **TDMS (Transition Minimized Differential Signaling) Re-clocking IC**.
* **Function:** It decodes the incoming HDMI signal, cleans up "jitter" (noise introduced by long cables), and regenerates the signal for two identical outputs.
* **EDID Management:** It contains a small EEPROM chip to handle **Extended Display Identification Data**, ensuring the source device knows what resolution the connected screens can handle.
### 2. Power Management Circuit
* **Voltage Regulator:** A Low-Dropout (LDO) regulator converts the 5V input down to 3.3V or 1.8V to power the internal logic chips.
* **Protection:** Includes **ESD Protection Diodes** on the HDMI ports to prevent static electricity from frying the internal circuits during hot-plugging.
### 3. Physical Layout
* **FR-4 PCB:** A multi-layer printed circuit board designed with impedance-controlled traces (100 ohms) to maintain signal integrity for high-speed data.
* **LED Indicators:** Simple SMD (Surface Mount Device) LEDs that indicate "Power" status and "Link" status for each output.
---
## Functional Block Diagram
```mermaid
graph LR
Input[HDMI Source] --> Decoder[Signal Decoder/Buffer]
Decoder --> Splitter[Logic Controller]
Splitter --> Out1[HDMI Output 1]
Splitter --> Out2[HDMI Output 2]
Power[5V DC In] --> Regulator[Voltage Regulator]
Regulator --> Decoder
```
---
## Typical Use Cases
* **Retail Displays:** Showing the same marketing content on two different screens.
* **Home Theater:** Sending a signal to both a TV and a Projector simultaneously.
* **Security:** Splitting a DVR/NVR output to two monitoring stations.
- ⤷
Does the HDS-001-R support HDR or HDMI 2.0 standards?
- ⤷ How does EDID management work if the two connected screens have different resolutions?
- ⤷ What are the common causes of signal failure in these splitter modules?