AI

The **HEB-AW-RLC-B** is a specialized inline fuse holder, typically manufactured by **Bussmann (Eaton)**. It is part of the "HEB" series of waterproof, non-breakaway fuse holders designed for supplemental protection in high-moisture or outdoor environments.
---
### ## 1. Technical Specifications
Below are the primary electronic and mechanical characteristics of the HEB-AW-RLC-B:
| Feature | Specification |
| :--- | :--- |
| **Product Type** | Inline Fuse Holder (Non-Breakaway) |
| **Compatible Fuse Size** | 13/32" x 1-1/2" (e.g., BAF, FNM, FNQ, KTK) |
| **Voltage Rating** | 600V AC/DC |
| **Amperage Rating** | Up to 30 Amps |
| **Waterproofing** | Submersible/Weatherproof (IP rated) |
| **Termination Type** | Crimp (Load side) / Copper Crimp (Line side) |
---
### ## 2. Breakdown of Components
The unit is composed of three main electronic and structural parts:
#### **A. The Insulating Body**
The outer shell is molded from a high-dielectric, UV-resistant rubber or plastic compound. This provides the primary insulation required to handle up to 600V and ensures that the electrical path is isolated from the environment.
#### **B. Internal Contacts**
The "RLC" designation refers to the specific terminal configuration:
* **Copper Crimp Terminals:** These are internal metallic sleeves designed to be crimped onto wires. Copper is used for its high conductivity and low resistance.
* **Fuse Clips:** High-tension spring clips inside the holder ensure a secure electrical connection to the fuse caps, preventing arcing and heat buildup.
#### **C. Sealing System**
The "AW" (All Weather) designation implies the inclusion of:
* **O-Rings/Gaskets:** These ensure that once the two halves of the holder are joined, the internal fuse chamber is airtight.
* **Boots:** Integrated rubber sleeves that grip the wire insulation to prevent "wicking" (moisture traveling down the wire into the fuse).
---
### ## 3. Part Number Decoding
Understanding the nomenclature helps identify the electronic capabilities:
* **HEB:** Series name (Single-pole, non-breakaway).
* **AW:** "All-Weather" variant (includes specific weatherproofing seals).
* **RLC:** Specifies the terminal type for the wire (typically involving a specific crimp size for copper wire).
* **B:** Often denotes bulk packaging or a specific revision of the terminal style.
---
### ## 4. Application Logic
The HEB-AW-RLC-B acts as a **circuit protection interface**. It is inserted into a power line (often in street lighting, parking lot poles, or traffic signals) to ensure that if a short circuit occurs in the fixture, the fuse inside the holder blows, protecting the main grid without affecting other lights in the series.
- ⤷
What are the recommended wire gauges for the RLC terminal type?
- ⤷ Can this fuse holder be used with Class CC fuses?
- ⤷ How does the HEB series compare to the HEX series fuse holders?