Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • HFBR-RLS500Z

  • AI
    ### HFBR-RLS500Z: Electronic Component Overview The **HFBR-RLS500Z** is a specialized fiber optic connector/accessory component, specifically part of the **Versatile Link (Versalink)** family originally developed by Hewlett-Packard (now Broadcom/Avago). It is an **SMA-style connector** designed for use with Plastic Optical Fiber (POF). --- ### 1. Key Technical Specifications | Parameter | Specification | |:---|:---| | **Fiber Type** | 1.0 mm Plastic Optical Fiber (POF) | | **Connector Style** | SMA (SubMiniature version A) | | **Material** | Metal (typically brass with nickel plating) | | **Alignment** | Precision machined for low coupling loss | | **Temperature Range** | -40°C to +85°C | --- ### 2. Functional Electronic Role While the connector itself is a mechanical housing, its "electronic" role is to facilitate the interface between **Transmitters (LEDs)** and **Receivers (Photodiodes)**. * **Signal Integrity:** By ensuring a tight axial alignment with the semiconductor die inside the transceiver, it minimizes **Insertion Loss**. * **EMI/RFI Immunity:** Because it uses plastic fiber instead of copper, it allows electronic systems to transmit data in high-noise environments without electromagnetic interference. * **Mechanical Grounding:** The metal construction of the RLS500Z can provide a grounding path to the chassis when used with metal-housed transceivers. --- ### 3. Structural Components The HFBR-RLS500Z kit typically consists of the following parts: 1. **Connector Body:** The main metal housing that screws onto the transceiver. 2. **Crimp Ring:** Secures the fiber jacket to the connector body to prevent cable pull-out. 3. **Polishing Nut:** Used during the termination process to ensure the fiber end-face is flush and smooth. --- ### 4. Common Applications * **Industrial Control:** Connecting Programmable Logic Controllers (PLCs) in high-voltage environments. * **Medical Equipment:** Providing electrical isolation between patient-contact sensors and processing electronics. * **Data Communications:** Short-range (up to 100 meters) data links in factory automation. --- ### 5. Integration Code Example (Conceptual) In an electronic system, this connector interfaces with components like the **HFBR-1521Z (Transmitter)**. The following pseudo-logic represents how an MCU would interact with the electronic assembly utilizing this connector: ```cpp // Basic logic for driving a Versatile Link Transmitter const int fiber_tx_pin = 12; void setup() { pinMode(fiber_tx_pin, OUTPUT); } void sendBit(bool bit) { // Logic HIGH turns on the LED, sending light through the HFBR-RLS500Z digitalWrite(fiber_tx_pin, bit ? HIGH : LOW); } ``` ---
    ✨ Follow-up Questions
    • ⤷What is the maximum data rate supported by the Versatile Link series?
    • ⤷ How do you properly polish the fiber end for an HFBR-RLS500Z connector?
    • ⤷ Is this connector compatible with HCS (Hard Clad Silica) fiber?