HFC1005CTTDR10
AI

The **HFC1005CTTDR10** is a specific electronic component belonging to the family of high-frequency multilayer ceramic chip capacitors (MLCCs). These parts are engineered for use in radio frequency (RF) and microwave circuits where low loss and high stability are critical.
---
### 1. Component Specifications
Based on the standard naming conventions for high-frequency ceramic capacitors, here is the technical breakdown:
| Specification | Value / Description |
| :--- | :--- |
| **Part Series** | HFC Series (High Frequency Ceramic) |
| **Case Size** | 1005 (Metric) / 0402 (Inch) |
| **Dimensions** | 1.0mm x 0.5mm |
| **Capacitance** | 1.0 pF (indicated by "R10" or "10") |
| **Tolerance** | ±0.1 pF (indicated by "B" or "C" depending on manufacturer) |
| **Dielectric** | COG / NP0 (Ultra-stable) |
| **Voltage Rating** | Typically 50V |
---
### 2. Key Electronic Characteristics
#### A. High Q-Factor
The primary feature of this part is its **High Q (Quality Factor)**. This means the capacitor has extremely low equivalent series resistance (ESR) at high frequencies. This minimizes energy loss (heat) and maintains signal integrity in RF paths.
#### B. COG/NP0 Dielectric
This material is Class I ceramic. It offers:
* **Zero Temperature Coefficient:** The capacitance does not change significantly with temperature.
* **No Aging:** The capacitance remains stable over the life of the component.
* **Low Distortion:** Ideal for precise filtering applications.
#### C. Self-Resonant Frequency (SRF)
Due to its small 0402 footprint, the parasitic inductance is very low. This results in a high SRF, allowing the component to function effectively as a capacitor well into the Gigahertz (GHz) range.
---
### 3. Common Applications
These parts are typically found in high-performance communication hardware:
* **Impedance Matching:** Used in the matching networks of power amplifiers to ensure maximum power transfer to the antenna.
* **Filters:** Used in Band Pass Filters (BPF) and Low Pass Filters (LPF) for cellular base stations and Wi-Fi modules.
* **Decoupling:** High-speed digital circuits requiring clean power at high clock frequencies.
* **Oscillators:** Critical for frequency stability in VCOs (Voltage Controlled Oscillators).
---
### 4. Part Number Decoding (Example)
While manufacturers vary slightly, the code usually breaks down as follows:
```text
HFC - 1005 - C - T - T - D - R10
| | | | | | |
Series Size Dielectric Tol Packaging Voltage Cap Value
```
- ⤷What is the difference between a standard MLCC and a High-Q capacitor?
- ⤷ Which manufacturers produce equivalents for the HFC series?
- ⤷ How does the 0402 package size affect the SRF (Self-Resonant Frequency)?