HFE21-C120SLASH24-HT2-R
AI

The part number **HFE21-C120/24-HT2-R** refers to a high-voltage, high-current **DC Contacting Relay** (often used in Electric Vehicles or Energy Storage Systems) manufactured by **Hongfa**.
Below is a detailed breakdown of the electronic specifications and part nomenclature.
---
### 1. Specification Overview
This relay is designed to switch high DC loads, typically for battery management systems (BMS) or charging stations.
| Parameter | Specification |
| :--- | :--- |
| **Component Type** | High Voltage DC Relay (Contactor) |
| **Main Contact Current** | 120 Amps |
| **Coil Rated Voltage** | 24V DC |
| **Contact Arrangement** | 1 Form A (SPST-NO) |
| **Cooling/Arc Extinguishing** | Ceramic/Gas filled for arc suppression |
| **Terminal Type** | Busbar/M6 Screw (High Current) |
---
### 2. Part Number Breakdown
The alphanumeric string defines specific physical and electrical characteristics:
| Code Segment | Meaning | Description |
| :--- | :--- | :--- |
| **HFE21** | Series Name | High-voltage DC contactor series. |
| **C** | Application Type | Specifically designed for EV/Charging applications. |
| **120** | Rated Current | Supports a continuous thermal current of **120A**. |
| **24** | Coil Voltage | Requires **24V DC** to actuate the coil. |
| **H** | Contact Material | Typically silver-based alloy for high conductivity. |
| **T** | Terminal Type | Screw-type or specific busbar mounting. |
| **2** | Structure | Specific internal design revision or frame size. |
| **R** | Special Feature | Often denotes RoHS compliance or specific mounting orientation. |
---
### 3. Key Electronic Features
* **Arc Suppression:** Since DC arcs do not have a "zero-crossing" (unlike AC), this part uses permanent magnets or inert gas to blow the arc away from the contacts to prevent welding.
* **Polarity Sensitivity:** High-voltage DC contactors are often **polarity-sensitive**. The terminals are usually marked (+) and (-) for the load side to ensure the magnetic blowout works correctly.
* **Low Coil Consumption:** Despite holding 120A on the contact side, the coil is optimized for low power consumption to prevent heat buildup in the control circuit.
### 4. Common Applications
* **Electric Vehicles (EV):** Main battery disconnect unit.
* **Charging Piles:** DC fast charging station output control.
* **Solar Inverters:** Battery backup and storage isolation.
* **UPS Systems:** High-power industrial backup switching.
---
- ⤷What is the maximum switching voltage (VDC) for the HFE21 series?
- ⤷ Is this relay bi-directional or does it have a specific polarity for the load?
- ⤷ What is the recommended flyback diode or suppression circuit for the 24V coil?