HFE23-ASLASH24-3DT1-R
AI

The **HFE23-AS/24-3DT1-R** is a high-power, magnetic latching relay manufactured by **Hongfa**. These components are primarily used in smart meters, energy management systems, and industrial control applications where high current switching and low power consumption are critical.
---
### 1. Part Number Breakdown
Understanding the suffix codes reveals the specific electronic characteristics:
| Code Segment | Meaning |
| :--- | :--- |
| **HFE23** | Series Name (High Power Latching Relay) |
| **AS** | Contact Arrangement (A = 1 Form A / Normally Open) |
| **24** | Nominal Coil Voltage (24V DC) |
| **3** | Coil Type (3 = Dual Coil / Double Winding) |
| **D** | Contact Material (D = $AgSnO_2$ / Silver Tin Oxide) |
| **T** | Contact Type (T = High Load / Special plating) |
| **1** | Terminal Type (Specific pin/busbar configuration) |
| **R** | RoHS Compliant / Environmental Standard |
---
### 2. Key Electronic Specifications
The "HFE23" series is designed for heavy-duty electrical loads.
#### A. Contact Data
* **Max Switching Current:** Typically 80A to 100A (depending on specific sub-variant).
* **Max Switching Voltage:** 250V AC.
* **Contact Material ($AgSnO_2$):** Chosen for its excellent resistance to welding and material transfer during high-current arcing.
#### B. Coil Data (Latching Mechanism)
* **Latching Technology:** Unlike standard relays that require constant power to stay "on," this is a **magnetic latching** relay. It uses a permanent magnet to hold the contacts in position.
* **Dual Coil (3):** It features two separate windings—one to "Set" the relay and one to "Reset" it.
* **Pulse Operation:** To change the state, you only need to apply a short voltage pulse (typically 50ms to 100ms). This results in near-zero power consumption during steady-state operation.
#### C. Dielectric Strength
* **Insulation Resistance:** 1000MΩ (at 500V DC).
* **Dielectric Strength:** Usually rated at 4000V AC between coil and contacts, providing high safety isolation.
---
### 3. Functional Advantages
1. **Energy Efficiency:** Since it only requires power during the switching transition, it does not generate heat in the coil during long-term operation.
2. **Compact Footprint:** Despite switching 80A+, the physical dimensions are optimized for PCB or busbar mounting in tight enclosures like DIN-rail meters.
3. **High Surge Resistance:** Designed to withstand short-circuit currents and heavy inductive loads common in power grids.
---
### 4. Circuit Implementation Note
When designing the driving circuit for the **24V Dual Coil** version:
* Use a H-bridge or two separate MOSFETs to trigger the "Set" and "Reset" coils.
* **Caution:** Never energize both the Set and Reset coils simultaneously, as this can cause the relay to malfunction or overheat.
- ⤷
What is the difference between single-coil and dual-coil latching relays?
- ⤷ What are the typical pulse duration requirements for triggering the HFE23?
- ⤷ Can this relay be used in DC switching applications
- ⤷ or is it AC only?