HFE31SLASH24-SD2T-2-R
AI

The **HFE31/24-SD2T-2-R** is a high-power bistable (latching) magnetic relay manufactured by Hongfa. These relays are primarily designed for smart meters and industrial switching applications where high current capacity and low power consumption are required.
---
### 1. Technical Specifications Overview
| Parameter | Specification |
| :--- | :--- |
| **Relay Type** | Latching (Bistable) |
| **Contact Arrangement** | 2-Pole (2A / 2B) |
| **Nominal Coil Voltage** | 24 VDC |
| **Max Switching Current** | 120A |
| **Max Switching Voltage** | 250 VAC |
| **Coil Construction** | Dual Coil (Double Coil) |
| **Lead Finish** | RoHS Compliant |
---
### 2. Breakdown of the Part Number
Understanding the nomenclature helps identify the specific features of this electronic component:
* **HFE31**: Series designation (High Power Latching Relay).
* **24**: Nominal Coil Voltage (24V DC).
* **S**: Sealing version (S denotes Plastic Sealed).
* **D**: Coil Type (D denotes Double Coil/Dual Coil).
* **2**: Number of Poles (2 poles).
* **T**: Contact Material (Typically AgSnO2 - Silver Tin Oxide).
* **2**: Contact Form (Form B/Form A variations).
* **R**: Special feature or RoHS compliance indicator.
---
### 3. Key Electronic Characteristics
#### A. Latching Mechanism
Unlike standard electromagnetic relays that require continuous current to stay "on," this is a **Bistable Latching Relay**.
* It uses a permanent magnet to hold the contacts in their last position.
* **Benefit:** It consumes zero power once the state is switched, making it ideal for energy-efficient devices.
#### B. Dual Coil (D)
The "D" in the part number indicates a **Double Coil** configuration.
* **Coil 1:** Receives a pulse to "Set" the relay (close the circuit).
* **Coil 2:** Receives a pulse to "Reset" the relay (open the circuit).
* This simplifies the driving circuit compared to single-coil versions, which require reversing the polarity.
#### C. High Current Handling
This specific model is rated for **120A**. It features heavy-duty internal copper busbars and Silver Tin Oxide (AgSnO2) contacts, which are highly resistant to "welding" during high inrush currents.
---
### 4. Typical Applications
* **Smart Energy Meters:** Disconnecting/connecting power remotely.
* **EV Charging Stations:** Main circuit interruption.
* **Inverters/UPS:** Switching between grid and battery power.
* **Solar PV Systems:** Large scale power management.
---
- ⤷
What is the difference between single coil and double coil latching relays in terms of driving circuitry?
- ⤷ What are the recommended pulse durations for switching this HFE31 relay?
- ⤷ How does AgSnO2 material compare to other contact materials in high-current applications?