HFE3512-3DT2-R
AI

The **HFE3512-3DT2-R** is a high-performance fiber optic transmitter manufactured by Finisar (now part of II-VI / Coherent). It is specifically designed as a **Vertical Cavity Surface Emitting Laser (VCSEL)** intended for high-speed data communications.
---
### 1. Key Technical Specifications
The following table summarizes the primary electrical and optical characteristics:
| Parameter | Specification |
| :--- | :--- |
| **Component Type** | VCSEL (Transmitter) |
| **Wavelength** | 850 nm (Short-wavelength) |
| **Data Rate** | Up to 4.25 Gbps |
| **Housing/Package** | TO-46 Metal Can with Lens/Stud |
| **Monitor Photodiode** | Integrated (for power control) |
| **Threshold Current** | ~1.5 mA (Typical) |
| **Operating Temperature** | -40°C to +85°C |
---
### 2. Electronic Architecture & Pinout
The device typically follows a standard TO-46 layout with 4 or 5 leads. Its internal circuitry consists of two main components:
1. **VCSEL Diode:** The primary light source. It requires a forward bias to emit light. Because it is a VCSEL, it offers low threshold current and high modulation bandwidth compared to standard LEDs.
2. **Monitor Photodiode (MPD):** This internal diode captures a small portion of the laser light. It is used in a "closed-loop" feedback circuit to ensure the laser output remains constant despite temperature fluctuations or aging.
#### Common Pin Assignment (Example)
```text
Pin 1: Case Ground
Pin 2: VCSEL Cathode
Pin 3: MPD Anode
Pin 4: VCSEL Anode / MPD Cathode (Common)
```
---
### 3. Application Use Cases
This part is commonly used in industrial and enterprise networking environments:
* **Fiber Channel:** Specifically for 1x, 2x, and 4x speeds.
* **Gigabit Ethernet:** Used in short-reach (SX) optical transceivers.
* **Optical Sensors:** High-precision distance or proximity sensing.
* **Internal Interconnects:** High-speed backplane links within data centers.
---
### 4. Critical Design Considerations
* **ESD Sensitivity:** Like all laser diodes, this part is extremely sensitive to Electrostatic Discharge. Handling requires an ESD-safe environment.
* **Drive Circuitry:** To achieve 4.25 Gbps, a specialized Laser Driver IC is required to provide the "Bias Current" (to keep the laser on) and "Modulation Current" (to toggle the bits).
* **Eye Safety:** This is a Class 1 or Class 1M laser product. Direct exposure to the beam should be avoided.
- ⤷What are the recommended laser driver ICs for the HFE3512 series?
- ⤷ How do I implement the monitor photodiode feedback circuit?
- ⤷ What is the difference between the HFE3512 and HFE4000 series?