HFE3512-3HT1-R
AI

The **HFE3512-3HT1-R** is a high-performance fiber optic transmitter component manufactured by **Finisar (now part of II-VI / Coherent)**. It is specifically a Vertical Cavity Surface Emitting Laser (VCSEL) designed for high-speed data communications.
---
### 1. Component Overview
The device is a 10Gbps 850nm VCSEL designed for transmitting optical signals over multi-mode fiber. It is typically used in SFP+ modules and other high-speed optical transceivers.
### 2. Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Technology** | VCSEL (Vertical Cavity Surface Emitting Laser) |
| **Wavelength** | 850 nm (Short-haul) |
| **Data Rate** | Up to 10.3125 Gbps |
| **Package Type** | TO-46 Header with a plastic sleeve/housing |
| **Fiber Type** | Multi-mode Fiber (MMF) |
| **Operating Temperature** | -40°C to +85°C (Industrial Grade) |
| **Threshold Current** | ~0.5 mA to 1.5 mA |
---
### 3. Key Features
* **High Bandwidth:** Optimized for 8G Fiber Channel and 10G Ethernet applications.
* **Integrated Monitor Photodiode:** Includes a back-facet monitor photodiode to allow for closed-loop power control (Automatic Power Control - APC).
* **Low Drive Current:** High efficiency allows for low power consumption.
* **Circular Beam Profile:** The VCSEL design provides a narrow, circular beam that makes it easy to couple light into a fiber optic cable.
---
### 4. Typical Applications
1. **Optical Transceivers:** The core component inside SFP+ and XFP modules.
2. **Storage Area Networks (SAN):** Used in 8G and 16G Fiber Channel systems.
3. **Local Area Networks (LAN):** 10G Base-SR Ethernet links.
4. **Active Optical Cables (AOC):** Embedded in high-speed cables for data center interconnects.
---
### 5. Circuit Integration (Simplified)
When integrating this part into an electronic design, it is usually paired with a **Laser Driver IC**.
```c
// Conceptual Block Diagram
[Laser Driver] ----> [HFE3512 VCSEL] ----> (Light Pulse)
^ |
| v
[APC Circuit] <---- [Monitor Photodiode]
```
---
- ⤷
What are the pinout configurations for the TO-46 package of the HFE3512?
- ⤷ What is the recommended laser driver to use with this VCSEL?
- ⤷ How does the '3HT1' suffix differentiate this model from other HFE3512 variants?