AI

The **HFE6-A/48-2HT2-R** is a high-power, polarized bistable (latching) magnetic relay commonly used in smart meters and industrial power control systems.
---
### 1. Part Number Breakdown
Understanding the nomenclature helps identify the specific electronic characteristics of this component:
| Code | Description | Specification |
|:---|:---|:---|
| **HFE6** | Series Name | Power Latching Relay |
| **A** | Contact Rating | High capacity (60A to 90A depending on variant) |
| **48** | Coil Voltage | 48V DC nominal |
| **2** | Number of Coils | Dual Coil (Double winding) |
| **HT2** | Contact Material | AgSnO₂ (Silver Tin Oxide) for high inrush |
| **R** | Polarity/Mounting | Specific orientation or Rohs compliance |
---
### 2. Key Technical Specifications
The HFE6 series is designed for heavy-duty switching where energy efficiency is critical.
* **Contact Form:** 2A (DPST-NO / Double Pole Single Throw - Normally Open).
* **Contact Load:** Typically rated for 60A at 250VAC.
* **Switching Power:** Up to 15,000 VA.
* **Coil Type:** **Bistable (Latching)**. Unlike standard relays, it only requires a short pulse of electricity to change states (on/off) and stays in that state without continuous power.
* **Dielectric Strength:** 4,000VAC between coil and contacts (high isolation).
---
### 3. Functional Electronic Features
#### A. Dual Coil Operation
Since this is a "2" (Dual Coil) model, the electronic circuit uses three pins for the coil:
1. **Set Pulse:** Energizing coil A moves the contact to "Closed."
2. **Reset Pulse:** Energizing coil B moves the contact to "Open."
3. **Common:** The shared return path for both coils.
#### B. Energy Efficiency
Because it is a latching relay, it generates **zero heat** from the coil during long-term operation. This makes it ideal for:
* Smart energy meters.
* Home automation (lighting and HVAC).
* Solar inverters.
#### C. Contact Material (AgSnO₂)
The use of Silver Tin Oxide (HT2) provides superior resistance to "welding" (contacts sticking together) when dealing with high inrush currents, such as those from capacitive loads or motor starts.
---
### 4. Application Circuit Considerations
When designing a PCB for this part, consider the following:
```cpp
// Example: Driving a Dual-Coil Latching Relay
// Use an H-Bridge or two Transistors/MOSFETs
void switchRelay(bool state) {
if (state == ON) {
digitalWrite(PIN_SET, HIGH);
delay(50); // Pulse duration (usually 30ms - 100ms)
digitalWrite(PIN_SET, LOW);
} else {
digitalWrite(PIN_RESET, HIGH);
delay(50);
digitalWrite(PIN_RESET, LOW);
}
}
```
- ⤷
What is the maximum pulse duration allowed for the coil to prevent overheating?
- ⤷ Can this relay be driven by a single-coil circuit with polarity reversal?
- ⤷ What are the physical dimensions and mounting footprint for the HFE6 series?