HFE6-B/24-2HT1-R
AI

The **HFE6-B/24-2HT1-R** is a high-power, polarized bistable (latching) magnetic relay commonly manufactured by Hongfa. It is designed for applications requiring high switching capacity and energy efficiency, such as smart meters or power distribution units.
---
## ### Technical Specifications
| Parameter | Specification Details |
| :--- | :--- |
| **Relay Type** | Magnetic Latching (Bistable) |
| **Coil Voltage** | 24 VDC |
| **Contact Arrangement** | 2 Form A (DPST-NO) |
| **Max Switching Current** | 60A |
| **Max Switching Voltage** | 250 VAC |
| **Contact Material** | AgSnO₂ (Silver Tin Oxide) |
| **Coil Configuration** | Double Coil (Latching) |
---
## ### Key Features & Functionality
### 1. Magnetic Latching Mechanism
Unlike standard relays that require continuous current to keep the contacts closed, this is a **bistable** relay.
* **Set/Reset:** It only requires a short pulse of electricity to switch states.
* **Energy Efficiency:** Once the state is changed, the relay remains in that position via a permanent magnet without consuming any power.
### 2. High Current Capacity
With a **60A switching capability**, it is specifically engineered for heavy loads. The AgSnO₂ contact material is chosen for its excellent resistance to "contact welding" and material transfer during high-current arcs.
### 3. Dual Coil (24-2HT)
The "2" in the suffix usually denotes a **double-coil** system:
* **Coil 1:** Triggered to "Set" the relay.
* **Coil 2:** Triggered to "Reset" the relay.
* This simplifies the driving circuit compared to single-coil versions, which require reversing the polarity.
---
## ### Part Number Breakdown
| Segment | Meaning |
| :--- | :--- |
| **HFE6** | Series Name (Hongfa Latching Relay) |
| **B** | Version / Load Type |
| **24** | Rated Coil Voltage (24V) |
| **2** | Double Coil |
| **H** | Contact Form (H = Form A / Normally Open) |
| **T** | Contact Material (T = AgSnO₂) |
| **1** | External Structure/Dimensions |
| **R** | Environmental Protection (RoHS/Sealed) |
---
## ### Connection Diagram (Typical)
```text
[Coil 1: SET] [Coil 2: RESET]
o----| |----o o----| |----o
+ Pin - + Pin -
(24V Pulse) (24V Pulse)
[Load Side]
Line In o-------/ -------o Load Out (Contact 1)
Line In o-------/ -------o Load Out (Contact 2)
```
---
- ⤷
What is the required pulse duration to trigger the latching mechanism?
- ⤷ How does a double-coil driver circuit differ from a single-coil circuit?
- ⤷ What are the common failure modes for AgSnO2 contacts in 60A relays?