HFV15SLASH12-SH1STJ-R
AI

The **HFV15/12-SH1STJ-R** is a specific automotive power relay manufactured by **Hongfa**. It is widely used in vehicles for high-current switching applications such as engine cooling fans, fuel pumps, and headlight controls.
### 1. Part Number Breakdown
Understanding the nomenclature helps identify its technical specifications:
| Code Segment | Meaning | Description |
| :--- | :--- | :--- |
| **HFV15** | Series Name | High-power automotive relay series |
| **12** | Nominal Voltage | 12VDC operating coil |
| **S** | Sealing | Plastic sealed (Wash-tight) |
| **H** | Contact Material | AgSnO₂ (Silver Tin Oxide) |
| **1** | Contact Arrangement | 1 Form A (Normally Open / SPST-NO) |
| **S** | Mounting Type | QC (Quick Connect / Plug-in) terminals |
| **T** | Resistor/Diode | Includes a parallel resistor for transient suppression |
| **J** | Shroud/Cover | Plastic cover with a mounting bracket |
| **R** | RoHS Compliance | Environmentally friendly materials |
---
### 2. Key Technical Specifications
The electrical and mechanical characteristics are designed for the harsh environments of an engine bay.
#### Electrical Ratings
* **Contact Rating:** Typically 40A to 60A (depending on ambient temperature).
* **Coil Voltage:** 12V DC.
* **Coil Resistance:** Approximately 80-90 $\Omega$ (depending on the internal resistor).
* **Suppression:** Includes an internal resistor across the coil to prevent voltage spikes from damaging the vehicle's ECU.
#### Environmental Durability
* **Temperature Range:** -40°C to +125°C.
* **Vibration Resistance:** High resistance suitable for chassis or engine mounting.
* **Mechanical Life:** 1,000,000 operations.
---
### 3. Internal Components & Materials
* **Contacts:** Made of **Silver Tin Oxide (AgSnO₂)**. This material is preferred in automotive applications because it resists "welding" (sticking) caused by the high inrush currents of motors and bulbs.
* **Coil:** Copper winding designed for low power consumption while maintaining high holding force.
* **Case:** High-temperature resistant plastic designed to withstand oil, grease, and heat.
---
### 4. Typical Applications
This relay is commonly found in "Power Distribution Boxes" (Fuse boxes) for:
1. **Cooling Fans:** Managing high-speed/low-speed fan switching.
2. **Fuel Pumps:** Reliable activation during ignition.
3. **ABS Systems:** High current supply for braking pumps.
4. **Lighting:** Control of high-intensity discharge or halogen headlamps.
---
- ⤷What is the purpose of the internal resistor (the 'T' code) in this relay?
- ⤷ How does AgSnO2 contact material compare to AgNi for automotive use?
- ⤷ What are the physical dimensions of the HFV15 series?