HFV15SLASH12-Z1TJ-R
AI

The **HFV15/12-Z1TJ-R** is a high-power automotive relay manufactured by Hongfa. It is specifically designed for high-current switching applications in vehicles, such as cooling fans, fuel pumps, and headlight control.
### 1. Part Number Breakdown
The nomenclature reveals the specific technical characteristics of the component:
| Code Segment | Meaning | Specification |
| :--- | :--- | :--- |
| **HFV15** | Series Name | Automotive High Power Relay |
| **12** | Coil Voltage | 12 VDC |
| **Z** | Contact Form | 1 Form C (SPDT - Single Pole Double Throw) |
| **1** | Covering | Plastic Sealed |
| **T** | Contact Material | AgSnO₂ (Silver Tin Oxide) |
| **J** | Mounting/Terminals | QC (Quick Connect) / Plug-in Type |
| **R** | Parallel Component | Resistor (for transient suppression) |
---
### 2. Technical Specifications
The electrical and mechanical limits of this relay are optimized for the harsh environment of an engine bay.
#### Contact Data
* **Arrangement:** 1C (Switching between two circuits).
* **Max Switching Current:** 40A (NO) / 30A (NC).
* **Max Switching Voltage:** 75 VDC.
* **Contact Resistance:** Max 30mΩ (at 1A 6VDC).
#### Coil Data
* **Nominal Voltage:** 12 VDC.
* **Pick-up Voltage:** ≤ 7.2 VDC.
* **Drop-out Voltage:** ≥ 1.2 VDC.
* **Coil Power:** Approx. 1.6W (standard version).
---
### 3. Key Electronic Features
* **Transient Suppression (The "R" suffix):** This model includes an internal resistor wired in parallel with the coil. When the coil is de-energized, it prevents voltage spikes (back-EMF) that could damage sensitive vehicle electronics (ECUs).
* **AgSnO₂ Contacts:** The use of Silver Tin Oxide makes the relay highly resistant to "contact welding" during high-inrush current events (like motor startups).
* **Environmental Protection:** The "1" designation indicates a plastic sealed construction, providing protection against dust and moisture common in automotive chassis.
---
### 4. Common Applications
* **Cooling Fans:** High current draw and frequent cycling.
* **ABS Systems:** Reliable switching for safety-critical systems.
* **Power Windows & Locks:** High torque motor control.
* **Lighting Systems:** Managing HID or LED arrays.
- ⤷What is the difference between the 'R' (Resistor) and 'D' (Diode) versions of this relay?
- ⤷ Can this relay be used in 24V automotive systems?
- ⤷ What is the physical pinout configuration for a 1 Form C relay?