HG4971DP-34D-RSP
AI

The **HG4971DP-34D-RSP** is a high-performance, professional-grade parabolic dish antenna manufactured by L-com (HyperLink). It is specifically designed for long-range, point-to-point wireless communications.
Below is a detailed breakdown of its electronic and technical specifications.
---
### 1. Primary Technical Specifications
This antenna operates in the licensed and unlicensed bands near 5 GHz, providing high gain and narrow beamwidth for long-distance links.
| Feature | Specification |
| :--- | :--- |
| **Frequency Range** | 4.9 GHz to 5.8 GHz |
| **Gain** | 34 dBi |
| **Polarization** | Dual Polarized (Vertical & Horizontal or X-Pol) |
| **Horizontal Beamwidth** | 3.5° |
| **Vertical Beamwidth** | 3.5° |
| **Impedance** | 50 Ohm |
| **Max Input Power** | 100 Watts |
| **VSWR** | < 1.5:1 (Average) |
| **Front to Back Ratio** | > 40 dB |
---
### 2. Key Electronic Components & Design
The "Electronic" functionality of this passive component is defined by its RF (Radio Frequency) architecture:
#### A. Dual Polarization Feed Horn
The "DP" in the part number stands for **Dual Polarized**.
* **Function:** It features two separate feed systems within a single housing.
* **Benefit:** This allows the antenna to transmit and receive data on two different planes (Horizontal and Vertical) simultaneously. This effectively doubles the bandwidth (MIMO - Multiple Input, Multiple Output) and provides better signal stability in noisy environments.
#### B. RSP (RP-SMA Connector Interface)
The "RSP" suffix indicates the connector type integrated into the pigtail cables or the chassis.
* **Connector Type:** RP-SMA Jack (Reverse Polarity SMA).
* **Compatibility:** This is the standard connector for most commercial outdoor wireless access points and bridge radios (like those from Ubiquiti, MikroTik, or Mimosa).
#### C. Parabolic Reflector
The dish acts as a passive electronic amplifier (Gain).
* **Geometry:** The 0.9-meter (approx. 3-foot) diameter dish focuses the RF energy into a very narrow 3.5-degree beam.
* **Material:** Typically constructed from UV-stable aluminum to prevent signal degradation and provide electrical shielding from rear-interference.
---
### 3. Application Use Cases
Because of its high gain and narrow beamwidth, this part is used in specific electronic deployments:
1. **Backhaul Links:** Connecting two towers or buildings over distances exceeding 20-30 miles.
2. **Public Safety Band:** Supports the **4.9 GHz** band often reserved for law enforcement and emergency services.
3. **ISP Infrastructure:** Used by WISPs (Wireless Internet Service Providers) to bring high-speed internet to rural areas.
---
- ⤷
What is the maximum distance this antenna can achieve under ideal conditions?
- ⤷ How does the 3.5-degree beamwidth affect the installation and alignment process?
- ⤷ Can this antenna be used with a 2.4 GHz radio system?