HIR7373C
AI

## Overview of the HIR7373C
The **HIR7373C** is a high-intensity Infrared (IR) Emitting Diode manufactured by Everlight Electronics. It is encapsulated in a water-clear plastic package and is designed to emit light in the near-infrared spectrum, making it invisible to the human eye but detectable by silicon photodetectors.
---
### Key Technical Specifications
The following table outlines the primary electrical and optical characteristics of the HIR7373C:
| Parameter | Symbol | Typical Value | Unit |
| :--- | :--- | :--- | :--- |
| **Peak Wavelength** | $\lambda p$ | 850 | nm |
| **Forward Voltage** | $V_F$ | 1.45 (Max 1.65) | V |
| **Continuous Forward Current** | $I_F$ | 100 | mA |
| **Radiant Intensity** | $I_e$ | 40 - 100 | mW/sr |
| **Viewing Angle** | $2\theta_{1/2}$ | 30 | Degrees |
| **Reverse Voltage** | $V_R$ | 5 | V |
---
### Internal Construction and Physics
1. **Material Composition:** The diode is typically fabricated using **GaAlAs** (Gallium Aluminum Arsenide) on a GaAs substrate. This material allows for high efficiency and high output power at the 850nm wavelength.
2. **Package Type:** It features a standard **T-1 3/4 (5mm)** package. The "C" in the part number usually denotes a "Clear" lens, which ensures maximum light transmission without diffusion.
3. **Spectral Bandwidth:** It has a relatively narrow spectral bandwidth ($\Delta\lambda$) of approximately 45nm, ensuring it matches well with 850nm-optimized sensors.
---
### Applications
The HIR7373C is commonly integrated into the following systems:
* **CCTV & Night Vision:** Used as an illuminator for security cameras.
* **Infrared Applied Systems:** Remote controls and high-speed data transmission.
* **Optical Switches:** Detecting presence or movement in industrial machinery.
* **Biometric Systems:** Used in some types of vein scanning or pulse oximetry designs.
---
### Implementation Example (Basic Circuit)
To drive the HIR7373C safely, a current-limiting resistor is required. Below is a conceptual calculation for a 5V supply:
```python
# R = (V_supply - V_forward) / I_forward
V_supply = 5.0
V_f = 1.45
I_f = 0.05 # Using 50mA for safety (Max is 100mA)
resistor_value = (V_supply - V_f) / I_f
print(f"Required Resistor: {resistor_value} Ohms")
# Result: 71 Ohms (Standard value 75 or 82 Ohms)
```
- ⤷
What is the difference between the 850nm HIR7373C and 940nm IR LEDs in terms of visibility?
- ⤷ How does the viewing angle affect the range of an IR illumination system?
- ⤷ What are the thermal management requirements when running this LED at its maximum 100mA current?