HIT-R151FP-AMW1E
AI

The **HIT-R151FP-AMW1E** is a professional-grade medical monitor manufactured by Advantech. It is specifically designed for healthcare environments, featuring a 15.6" touchscreen interface.
Below is a detailed breakdown of its electronic components and technical specifications.
---
## 1. Core Display Specifications
The visual output is handled by a high-definition industrial panel designed for clarity and wide viewing angles.
| Component | Specification |
| :--- | :--- |
| **Panel Size** | 15.6" TFT LCD |
| **Resolution** | 1920 x 1080 (Full HD) |
| **Aspect Ratio** | 16:9 |
| **Luminance** | 400 cd/m² (Typical) |
| **Contrast Ratio** | 700:1 |
| **Backlight** | LED (Long lifetime, low power) |
---
## 2. Touch Controller & Interface
The "AMW1E" variant typically utilizes a **Projected Capacitive (PCAP)** touch sensor, which allows for multi-touch functionality even through medical gloves.
* **Touch Type:** 10-point Multi-touch.
* **Surface Hardness:** 7H (Scratch resistant).
* **Controller Interface:** Internal USB interface for touch data transmission.
* **Front Panel:** IP65-rated (Water and dustproof), allowing for easy disinfection with chemical agents.
---
## 3. Connectivity & I/O Ports
The electronic interface at the rear provides several video input options to remain compatible with various medical computing systems.
### Video Inputs
* **HDMI:** Standard digital input for high-definition video and audio.
* **DisplayPort (DP):** For modern workstation connections.
* **VGA:** Legacy support for older medical diagnostic equipment.
### Peripheral & Power
* **USB 2.0:** Usually includes a downstream port for external accessories.
* **DC Jack:** 12V ~ 24V power input (supports wide voltage ranges typical in medical carts).
* **Speakers:** 2 x 2W internal speakers for audio alerts or communication.
---
## 4. Electrical Safety & Certifications
Because this unit is intended for patient-near environments, its electronics are designed to meet stringent safety standards to prevent electrical interference or shocks.
* **Medical Standards:** CE, FCC Class B, and **IEC 60601-1** (4th edition) compliance.
* **Isolation:** The electronic design focuses on low leakage current to ensure patient safety.
* **Mounting:** VESA 75 x 75 mm and 100 x 100 mm compatibility.
---
## 5. Summary Table
| Category | Key Electronic Feature |
| :--- | :--- |
| **Power Consumption** | ~15W to 20W (Typical operating load) |
| **Operating Temp** | 0 ~ 40°C (32 ~ 104°F) |
| **MTBF** | 50,000 hours (Backlight longevity) |
| **Special Feature** | Optional Handset/Nurse call integration (model dependent) |
- ⤷
Does this model support Power over Ethernet (PoE)?
- ⤷ What are the specific cleaning agents approved for the IP65 front panel?
- ⤷ Is there an integrated webcam or microphone in the AMW1E variant?