HJFT5-H-R
AI

The **HJFT5-H-R** is a specific electronic component typically identified as a **High-Frequency Current Transformer** or a specialized **Current Sensor**, often used in precision power monitoring and industrial automation.
---
### 1. Key Technical Specifications
While exact parameters can vary by manufacturer, parts following this nomenclature generally adhere to the following characteristics:
| Property | Typical Value/Description |
| :--- | :--- |
| **Component Type** | Hall Effect Current Sensor / Current Transformer |
| **Primary Current Range** | 5A to 50A (depending on configuration) |
| **Mounting Type** | PCB Mount (Through-hole) |
| **Output Type** | Analog Voltage or Current (Ratiometric) |
| **Response Time** | < 1 - 7 microseconds |
| **Isolation Voltage** | 2.5kV to 3kV AC |
| **Operating Temp** | -40°C to +85°C |
### 2. Physical Design and Pinout
The "H-R" suffix often indicates a specific physical orientation or RoHS compliance.
* **Housing:** Usually a rectangular plastic casing (UL94-V0 rated) filled with epoxy resin for insulation.
* **Aperture:** Features a hole in the center for the primary conductor (wire) to pass through.
* **Pins:** Typically 3 or 4 pins on the bottom:
1. **Vcc:** Positive power supply (e.g., +5V).
2. **GND:** Ground.
3. **Vout:** Measurement signal output.
4. **Ref (Optional):** Reference voltage for zero-current offset.
### 3. Core Working Principle
The device operates on the **Hall Effect** or **Magnetic Induction** principle:
1. Current flows through the primary wire passing through the sensor.
2. A magnetic field is generated proportional to the current.
3. The internal magnetic core concentrates this field onto a Hall element.
4. The electronics convert the magnetic flux into a linear voltage signal.
### 4. Common Applications
* **AC Variable Speed Drives:** Monitoring motor current for control loops.
* **UPS Systems:** Uninterruptible Power Supply battery and load monitoring.
* **Solar Inverters:** Tracking DC to AC conversion efficiency.
* **Overcurrent Protection:** Triggering safety shutdowns in industrial machinery.
---
### 5. Implementation Example (Microcontroller Integration)
To read the sensor using an Arduino or similar MCU, the output is typically connected to an Analog-to-Digital Converter (ADC).
```cpp
// Basic logic for reading HJFT5 sensor
int sensorPin = A0;
float sensitivity = 0.100; // Example: 100mV per Amp
float offsetVoltage = 2.5; // Zero current center point
void setup() {
Serial.begin(9600);
}
void loop() {
int rawValue = analogRead(sensorPin);
float voltage = (rawValue / 1023.0) * 5.0;
float current = (voltage - offsetVoltage) / sensitivity;
Serial.print("Current: ");
Serial.println(current);
delay(500);
}
```
- ⤷What is the maximum current rating for the HJFT5-H-R variant?
- ⤷ How does the temperature coefficient affect the accuracy of this sensor?
- ⤷ Can this sensor be used for both AC and DC current measurements?