AI

The **HJR-66-R** is a specific model of a **Miniature Intermediate Power Relay**, widely used in industrial automation, security systems, and telecommunication devices. It is manufactured primarily by companies like **Tianbo** and **HKE**.
---
### 1. Key Technical Specifications
The following table highlights the critical electrical and physical parameters of the HJR-66-R:
| Parameter | Specification (Typical) |
| :--- | :--- |
| **Contact Arrangement** | 1 Form A (SPST-NO) or 1 Form C (SPDT) |
| **Contact Rating** | 5A to 12A @ 250VAC / 30VDC |
| **Coil Voltage (DC)** | 3V, 5V, 6V, 9V, 12V, 24V, 48V |
| **Coil Power** | Approx. 0.36W to 0.45W |
| **Contact Resistance** | ≤ 100mΩ |
| **Dielectric Strength** | 1,000VAC (between open contacts) |
| **Mechanical Life** | 10,000,000 operations |
---
### 2. Internal Components & Construction
The HJR-66-R consists of several internal electronic and mechanical parts:
* **Electromagnetic Coil:** A copper wire winding around an iron core. When current flows, it creates a magnetic field to move the armature.
* **Armature:** The moving metal part that responds to the magnetic field.
* **Spring Mechanism:** Returns the armature to its original position when the coil is de-energized.
* **Contacts (Silver Alloy):** Usually made of **AgCdO** (Silver Cadmium Oxide) or **AgSnO2** (Silver Tin Oxide) to provide high conductivity and resistance to "pitting" or welding during high-current switching.
* **Terminals:** PCB-mount pins designed for soldering directly onto circuit boards.
---
### 3. Part Number Decoding (HJR-66-R-12VDC)
To understand a specific unit, you must decode the suffix:
1. **HJR-66:** Basic series designation.
2. **R:** Indicates the relay is "Sealed Type" (Wash tight), meaning it can withstand PCB cleaning processes.
3. **12VDC:** The required voltage to activate the coil.
4. **S / Z:** Often denotes the contact form (S = 1 Form A; Z = 1 Form C).
---
### 4. Circuit Implementation
When using the HJR-66-R in a digital circuit (like with an Arduino or ESP32), you should always include a **Flyback Diode** to protect your electronics.
```cpp
// Example: Driving the HJR-66-R Coil via a Transistor
[VCC 12V] --- [Relay Coil] --- [Collector of NPN Transistor]
|
[Flyback Diode (1N4007)]
|
[GND] -------- [Emitter of NPN Transistor]
```
---
- ⤷
What is the difference between the 1 Form A and 1 Form C versions of this relay?
- ⤷ How do I calculate the resistor value needed for a transistor driving the HJR-66-R?
- ⤷ Can this relay be used to switch 220V AC household appliances?