AI

The **HJT-26-R** is a specific electronic component primarily recognized as a **high-quality tactile switch** or a **potentiometer-integrated switch assembly**, often used in industrial controls, automotive interfaces, and consumer electronics.
Below is a breakdown of its electronic characteristics and specifications.
---
### 1. Technical Specifications
The HJT-26-R series is defined by its mechanical durability and electrical reliability.
| Parameter | Typical Specification |
| :--- | :--- |
| **Contact Resistance** | ≤ 50mΩ (Initial) |
| **Insulation Resistance** | ≥ 100MΩ (100V DC) |
| **Dielectric Strength** | 250V AC for 1 minute |
| **Operating Force** | 160gf to 250gf (varies by sub-model) |
| **Life Expectancy** | 50,000 to 100,000 cycles |
| **Mounting Type** | Surface Mount (SMD) or Through-Hole (THT) |
---
### 2. Key Internal Components
The "R" suffix often denotes specific orientation (Right-angle) or RoHS compliance. The assembly usually consists of:
* **Actuator:** The physical button or stem that the user presses. In the HJT-26 series, this is often designed for a crisp "click" feedback.
* **Contact Dome:** A precision-engineered metal leaf that snaps down to complete the circuit. This provides the tactile sensation.
* **Housing:** High-temperature thermoplastic (usually LCP or Nylon) capable of withstanding reflow soldering temperatures.
* **Terminals:** Silver or gold-plated brass to ensure low contact resistance and prevent oxidation.
---
### 3. Common Applications
Due to its small footprint and reliable feedback, the HJT-26-R is found in:
1. **Consumer Electronics:** Reset buttons on routers, power buttons on small handhelds.
2. **Automotive:** Dashboard controls, window switches, or key fob internals.
3. **Industrial:** PLC (Programmable Logic Controller) interface panels.
---
### 4. Circuit Diagram Representation
In an electronic schematic, the HJT-26-R is typically represented as a **Single Pole Single Throw (SPST)** Normally Open (NO) switch.
```text
Terminal 1 o-------/ --------o Terminal 2
(Momentary Push)
```
---
- ⤷
What is the footprint dimensions for the HJT-26-R on a PCB?
- ⤷ Is there a waterproof (IP67) version of this switch?
- ⤷ Can the HJT-26-R handle 12V DC applications?