Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • HKP-

  • AI
    The term **HKP** in the context of electronic components most commonly refers to a specific series of **Panel-Mount Fuse Holders**, typically used to secure and protect standard 3AG (1/4" x 1-1/4") fuses. --- ## 1. Overview of HKP Series Fuse Holders The HKP series is an industry-standard component manufactured by companies like **Bussmann (Eaton)**. It is designed to be mounted on a control panel, allowing users to replace fuses from the outside of a device without opening the chassis. ### Key Specifications | Feature | Standard Specification | | :--- | :--- | | **Compatible Fuse Size** | 1/4" x 1-1/4" (6.3mm x 32mm) | | **Voltage Rating** | Up to 250V AC | | **Current Rating** | Typically up to 30 Amps | | **Mounting Type** | Panel Mount (D-hole or Round hole) | | **Termination** | Solder terminals or Quick-connect terminals | | **Material** | High-temperature thermoset plastic (Body) | --- ## 2. Key Components of an HKP Assembly An HKP fuse holder consists of three primary physical parts: 1. **The Body:** The cylindrical housing that sits behind the panel. It contains the electrical contacts and the spring mechanism. 2. **The Cap:** A removable screw-type or bayonet-style top. It holds the fuse and allows for easy manual extraction. 3. **The Mounting Nut:** A hex nut (and usually a washer) that secures the body to the front panel. --- ## 3. Common Variants Depending on the specific application, you may encounter different suffixes for the HKP model: ### Table: HKP Variant Differences | Model | Description | Primary Use Case | | :--- | :--- | :--- | | **HKP** | Standard version | General industrial/consumer electronics. | | **HKP-HH** | 1/4" Quick-connect terminals | Applications requiring fast wiring without soldering. | | **HKP-W** | Waterproof/Sealed version | Outdoor equipment or marine electronics. | | **HKP-OO** | Snap-lock version | Quick installation in high-volume manufacturing. | --- ## 4. Technical Importance * **Safety:** It isolates the high-voltage fuse from the user's touch. * **Maintenance:** It eliminates the need to disassemble the entire machine to check if a fuse has blown. * **Flammability:** These parts are usually rated **UL 94V-0**, meaning they are highly resistant to fire. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between HKP and HTB fuse holders?
    • ⤷ How do I choose the correct current rating for an HKP fuse holder?
    • ⤷ Are there waterproof versions of HKP parts for outdoor use?