Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • HKP-L

  • AI
    The **HKP-L** typically refers to a specific series of **Panel-Mount Fuse Holders** (often associated with brands like Eaton/Bussmann) designed for 1/4" x 1-1/4" (6.3mm x 32mm) fuses. Below is a detailed breakdown of the electronic components and specifications of the HKP-L series. --- ### 1. Component Overview The HKP-L is a high-profile, panel-mounted fuse holder. The "L" suffix usually denotes a specific terminal or lamp feature (depending on the exact sub-manufacturer), but in the standard Bussmann line, it refers to a version with a **plastic nut** or specific lead configuration. ### 2. Technical Specifications | Feature | Description | | :--- | :--- | | **Fuse Size** | 1/4" x 1-1/4" (Standard 3AG/AGC fuses) | | **Current Rating** | Typically up to 30 Amps | | **Voltage Rating** | 250 Volts AC | | **Terminal Type** | Solder or Quick-Connect terminals | | **Mounting** | Panel mount with D-hole to prevent rotation | | **Body Material** | Thermoplastic (High-temperature resistant) | --- ### 3. Key Electronic Parts & Construction #### A. The Body (Insulator) The main housing is made of a non-conductive, thermoset plastic. This ensures that the high-voltage current passing through the fuse does not arc to the metal panel where the holder is mounted. #### B. Bayonet-Type Fuse Carrier The HKP-L uses a "twist-and-lock" (bayonet) cap. This cap contains: * **The Contact Spring:** Ensures constant pressure between the fuse and the terminals to minimize contact resistance. * **The Fuse Grip:** A mechanical clip that holds the fuse inside the cap for easy removal. #### C. Terminals (The Conductors) There are two primary terminals: 1. **Rear Terminal:** Connects to the base of the fuse. 2. **Side/Bottom Terminal:** Connects to the side of the fuse through the internal contact sleeve. *These are typically made of tin-plated brass to ensure high conductivity and corrosion resistance.* #### D. The Nut and Washer The HKP-L includes a mounting nut (plastic or metal) and a neoprene washer. The washer provides a seal against the panel to prevent dust or moisture ingress. --- ### 4. Circuit Symbol and Integration In an electronic schematic, the HKP-L is represented by the standard fuse symbol. It is always placed in **series** with the "Hot" or "Live" wire of the power supply to protect the downstream components from overcurrent. ```mermaid graph LR A[Power Input] --> B[HKP-L Fuse Holder] B --> C[Internal Circuitry] C --> D[Ground/Neutral] ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the main differences between HKP-L and HKP-HH fuse holders?
    • ⤷ How do I choose the correct fuse wire gauge for an HKP-L holder?
    • ⤷ Are there waterproof versions of the HKP series available?