Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • HKP1040CT

  • AI
    The **HKP1040CT** is a high-performance power semiconductor, specifically a **Common Cathode Schottky Barrier Diode**. It is designed for high-frequency switching and power rectification applications. --- ### 1. Key Technical Specifications The part number "1040" typically indicates its primary ratings (10 Amps, 40 Volts). | Feature | Specification | | :--- | :--- | | **Type** | Schottky Barrier Diode | | **Configuration** | Dual / Common Cathode (Center Tap) | | **Forward Current ($I_{F(AV)}$)** | 10A (Total) | | **Max Recurrent Peak Reverse Voltage ($V_{RRM}$)** | 40V | | **Forward Voltage Drop ($V_F$)** | ~0.5V to 0.6V (at rated current) | | **Operating Temperature** | -55°C to +150°C | | **Package Type** | TO-220 or TO-220F (Typical) | --- ### 2. Physical Configuration The "CT" suffix stands for **Center Tap**. In this configuration, two diodes share a single cathode (the middle pin and the metal tab), while the two outer pins act as individual anodes. **Internal Schematic:** ```text Anode 1 (Pin 1) ----|>|----| |---- Cathode (Pin 2 / Tab) Anode 2 (Pin 3) ----|>|----| ``` --- ### 3. Core Advantages * **Low Forward Voltage:** Because it is a Schottky diode, it has a much lower voltage drop than standard silicon diodes, leading to higher efficiency and less heat. * **Fast Switching:** Schottky diodes have negligible reverse recovery time, making them ideal for high-speed circuits. * **Guard Ring Construction:** Provides transient protection and high reliability against voltage spikes. --- ### 4. Common Applications * **Switching Mode Power Supplies (SMPS):** Used for secondary-side rectification. * **DC-DC Converters:** Acts as a freewheeling diode or polarity protection. * **Solar Panels:** Used as bypass diodes to prevent reverse current flow. * **Battery Chargers:** Efficiently converts AC or pulsed DC into steady DC. ---
    ✨ Follow-up Questions
    • ⤷ What are the equivalent alternative part numbers for the HKP1040CT?
    • ⤷ How do I test this component using a digital multimeter?
    • ⤷ What are the thermal management requirements for running this diode at full 10A load?