Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • HKP20100CT

  • AI
    The **HKP20100CT** is a high-power electronic component, specifically a **Schottky Barrier Rectifier (Diode)**. It is designed for high-frequency switching and power rectification applications where low power loss and high efficiency are required. --- ### 1. Key Technical Specifications The part number follows standard naming conventions for power semiconductors. Below are the primary specifications: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Component Type** | Schottky Diode | High-speed switching device | | **Configuration** | Dual / Common Cathode | Two diodes sharing a center pin | | **Max Peak Reverse Voltage ($V_{RRM}$)** | 100V | Maximum voltage it can block | | **Average Rectified Current ($I_{O}$)** | 20A (10A per leg) | Total current capacity | | **Forward Voltage Drop ($V_F$)** | ~0.70V to 0.85V | Voltage lost during conduction | | **Package Type** | TO-220 / TO-220F | Standard 3-pin power package | --- ### 2. Internal Structure and Pinout The HKP20100CT typically uses a **Common Cathode** configuration. This means the two internal diodes are connected at their cathodes to the center pin. 1. **Pin 1 (Anode 1):** Input for the first diode. 2. **Pin 2 (Cathode):** Shared output (connected to the metal tab in non-insulated versions). 3. **Pin 3 (Anode 2):** Input for the second diode. --- ### 3. Core Features * **Low Forward Voltage:** Reduces heat generation compared to standard silicon diodes. * **High Frequency Operation:** Schottky diodes have minimal "Reverse Recovery Time" ($t_{rr}$), making them ideal for high-speed switching. * **Guard Ring Protection:** Most modern Schottky rectifiers like this include a guard ring for stress protection and high $dv/dt$ capability. * **Thermal Efficiency:** The TO-220 package allows for easy mounting to a heatsink to manage thermal dissipation. --- ### 4. Typical Applications The HKP20100CT is commonly found in the following circuits: * **Switch Mode Power Supplies (SMPS):** Used in the output rectification stage to convert AC high-frequency pulses to DC. * **DC-DC Converters:** Acts as a freewheeling diode. * **Solar Panels:** Used as a bypass or blocking diode to prevent reverse current flow. * **Battery Chargers:** Efficiently directs current to batteries while preventing discharge back into the circuit. --- ### 5. Selection Considerations When using this part in a design, consider the following: * **Reverse Leakage:** Schottky diodes have higher reverse leakage current than standard diodes, especially at high temperatures. * **Thermal Management:** At 20A, the device will generate significant heat. A heatsink is mandatory for high-current applications. * **Voltage Margin:** Always ensure the peak repetitive reverse voltage ($V_{RRM}$) of 100V is at least 20% higher than the maximum voltage expected in the circuit.
    ✨ Follow-up Questions
    • ⤷ What are the equivalent alternative part numbers for the HKP20100CT?
    • ⤷ How does the common cathode configuration benefit power supply design?
    • ⤷ What is the specific thermal resistance (Rthjc) of this TO-220 package?