HLMP-BL01-R0RYY
AI

### HLMP-BL01-R0RYY: Technical Overview
The **HLMP-BL01-R0RYY** is a high-brightness Blue LED manufactured by Broadcom (formerly Avago Technologies). It belongs to the T-1¾ (5mm) precision optical performance oval LED series, specifically designed for outdoor signage and signals.
---
### 1. Key Technical Specifications
The following table summarizes the primary electrical and optical characteristics of this component:
| Parameter | Specification |
| :--- | :--- |
| **Color** | Blue |
| **Dominant Wavelength** | 470 nm (Typical) |
| **Luminous Intensity** | 310 mcd to 1150 mcd (Range) |
| **Viewing Angle** | 70° x 35° (Oval) |
| **Forward Current ($I_F$)** | 30 mA (Max) |
| **Forward Voltage ($V_F$)** | 3.2V (Typical) / 3.8V (Max) |
| **Lens Shape** | Oval (T-1¾ / 5mm) |
| **Technology** | InGaN (Indium Gallium Nitride) |
---
### 2. Functional Characteristics
* **Oval Viewing Profile:** Unlike standard round LEDs, this part has an oval radiation pattern. This is achieved through precision optical molding, making it ideal for wide-angle viewing in a horizontal direction while minimizing light waste in the vertical direction.
* **Material Science:** It utilizes **InGaN** (Indium Gallium Nitride) technology, which provides superior light output efficiency and stable performance across a wide temperature range.
* **Environmental Durability:** The leads are typically epoxy-coated to provide moisture resistance, making them suitable for variable weather conditions.
---
### 3. Part Number Decoding (R0RYY suffix)
In the Broadcom/Avago nomenclature, the suffix provides specific binning information:
* **R0:** Refers to the intensity bin (minimum luminous intensity).
* **RYY:** Usually refers to the color bin and packaging selection (e.g., bulk vs. ammo pack).
---
### 4. Common Applications
Due to its high intensity and specific viewing angle, the HLMP-BL01 is frequently used in:
1. **Variable Message Signs (VMS):** Highway traffic signs and information boards.
2. **Full-Color Outdoor Displays:** Large scale LED video walls.
3. **Commercial Advertising:** Billboards where high visibility under sunlight is required.
4. **Passenger Information:** Transit arrival/departure displays.
---
### 5. Design Considerations
```c
/* Circuit Design Tip */
// To drive this LED at a typical 20mA from a 5V source:
// R = (V_source - V_forward) / I_forward
// R = (5V - 3.2V) / 0.02A = 90 Ohms
```
* **Thermal Management:** Ensure proper lead spacing and airflow, as InGaN LEDs are sensitive to junction temperature increases which can lead to color shifting.
* **ESD Sensitivity:** This device is Class 1C (HBM) sensitive. Handle with appropriate anti-static precautions.
- ⤷
What are the specific intensity bin ranges for the 'R0' designation?
- ⤷ Can this LED be driven by a PWM signal for dimming purposes?
- ⤷ What is the recommended soldering temperature profile for this T-1¾ package?