HLMP-CB12-R0ADD
AI

## Electronic Specifications: HLMP-CB12-R0ADD
The **HLMP-CB12-R0ADD** is a high-brightness Blue LED manufactured by Broadcom (formerly Avago Technologies). It is part of the T-1 ¾ (5mm) through-hole package series, specifically designed for high-performance applications like outdoor signage and signals.
---
### 1. Key Technical Specifications
Below are the primary electronic and optical characteristics of the component:
| Parameter | Specification | Note |
| :--- | :--- | :--- |
| **Color** | Blue | 470 nm (Dominant Wavelength) |
| **Luminous Intensity** | 1500 - 1900 mcd | Minimum value at 20mA |
| **Forward Current ($I_f$)** | 30 mA | Maximum rating |
| **Forward Voltage ($V_f$)** | 3.2V - 3.8V | Typical at 20mA |
| **Viewing Angle** | 15° | Highly directional beam |
| **Lens Type** | Clear / Non-Diffused | Circular pattern |
| **Operating Temp** | -40°C to +85°C | Industrial grade |
---
### 2. Functional Description
* **Material Technology:** This LED utilizes InGaN (Indium Gallium Nitride) technology on a sapphire substrate, which provides superior efficiency and brightness compared to older silicon carbide technologies.
* **Radiation Pattern:** With a 15-degree viewing angle, this part is considered a "narrow beam" LED. It is designed to project light over long distances, making it ideal for message boards and traffic signals.
* **ESD Sensitivity:** Like most Blue LEDs, this part is sensitive to static electricity. It typically has a Class 1C ESD rating (HBM), requiring anti-static precautions during handling and soldering.
---
### 3. Application Circuit Considerations
To ensure the longevity of the HLMP-CB12-R0ADD, a current-limiting resistor must be used.
#### Calculation Example:
If using a **5V supply** and aiming for a standard **20mA** operating current:
```text
R = (V_supply - V_forward) / I_forward
R = (5V - 3.2V) / 0.020A
R = 90 Ohms (Standard value: 91 or 100 Ohms)
```
---
### 4. Part Number Breakdown
* **HLMP**: Broadcom LED product prefix.
* **C**: Blue Color (InGaN).
* **B**: 5mm (T-1 ¾) package.
* **12**: 15° Viewing Angle.
* **R0A**: Intensity binning code.
* **DD**: Packaging/Leads configuration (usually Ammo Pack).
- ⤷What are the specific soldering temperature limits for this LED?
- ⤷ Is there a recommended driver IC for controlling a matrix of these LEDs?
- ⤷ How does the brightness change if I pulse the current instead of using constant DC?