HLMP-CB27-R0ADD
AI

## HLMP-CB27-R0ADD: Electronic Specifications and Technical Overview
The **HLMP-CB27-R0ADD** is a high-brightness Blue LED manufactured by Broadcom (formerly Avago). It belongs to the T-1 ¾ (5mm) precision optical performance oval LED series, specifically designed for outdoor applications such as signs and signals.
### 1. Key Technical Specifications
| Parameter | Specification | Details |
| :--- | :--- | :--- |
| **Technology** | InGaN | Indium Gallium Nitride (High Efficiency) |
| **Color** | Blue | Peak Wavelength typically ~470nm |
| **Luminous Intensity** | 460 - 1150 mcd | Measured at 20mA |
| **Viewing Angle** | 40° x 100° | Oval spatial radiation pattern |
| **Forward Voltage ($V_F$)** | 2.8V - 3.8V | Typical operating range |
| **Forward Current ($I_F$)** | 30 mA | Maximum continuous rating |
| **Package Type** | T-1 ¾ (5mm) | Standard through-hole |
| **Lens Shape** | Oval | Optimized for wide horizontal viewing |
---
### 2. Detailed Part Number Breakdown
The part number follows a specific nomenclature used by Broadcom to define the LED's characteristics:
* **HLMP-CB**: Series designation (Blue InGaN Oval LEDs).
* **27**: Refers to the viewing angle and specific optical design (40° x 100°).
* **R**: Minimum Intensity Bin (starting at approx. 460 mcd).
* **0**: Maximum Intensity Bin (0 denotes no upper limit specified other than standard range).
* **ADD**: Packaging and mechanical options (typically refers to Bulk or specific lead frame finish).
---
### 3. Core Electronic Features
#### A. Optical Performance
The "Oval" lens design is critical for electronic signage. It directs more light horizontally than vertically, which is ideal for electronic billboards where viewers are spread across a wide street but are not looking from high above or directly below the sign.
#### B. Material Composition (InGaN)
This LED utilizes **InGaN (Indium Gallium Nitride)** technology on a Sapphire substrate. Compared to older technologies, InGaN offers:
* Superior thermal stability.
* Higher brightness levels for blue and green spectrums.
* Resistance to electrostatic discharge (ESD) up to 1000V (HBM).
#### C. Driving Characteristics
To integrate this into a circuit, a current-limiting resistor is required. Using the standard formula:
`R = (V_supply - V_F) / I_F`
```python
# Example Calculation for a 5V System
v_supply = 5.0
v_f = 3.2 # Typical forward voltage
i_f = 0.02 # 20mA recommended operating current
resistor_value = (v_supply - v_f) / i_f
print(f"Required Resistor: {resistor_value} Ohms")
# Result: 90 Ohms (Use 100 Ohms standard)
```
---
### 4. Applications
* **Variable Message Signs (VMS):** Highway traffic alerts.
* **Full-Color Signage:** Used as the blue pixel in RGB displays.
* **Commercial Advertising:** Outdoor billboards.
- ⤷What are the power dissipation limits for this specific LED?
- ⤷ How does the luminous intensity change with temperature?
- ⤷ What is the recommended soldering temperature for the HLMP-CB27?