HLMP-CB27-R0D00
AI

The **HLMP-CB27-R0D00** is a high-brightness, blue LED manufactured by Broadcom (formerly Avago Technologies). It is part of the HLMP-Cx2x series, designed specifically for outdoor applications and electronic signs.
### Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **LED Color** | Blue |
| **Wavelength** | 470 nm (Dominant) |
| **Luminous Intensity** | 520 mcd to 1500 mcd |
| **Viewing Angle** | 23° (Typical) |
| **Forward Voltage ($V_F$)** | 3.2V (Typical) to 4.0V (Max) |
| **Forward Current ($I_F$)** | 30 mA |
| **Lens Shape** | T-1 ¾ (5mm) Round |
| **Lens Finish** | Clear, Non-diffused |
---
### Key Electronic Features
#### 1. Material Technology
The device utilizes **InGaN (Indium Gallium Nitride)** technology. This material is essential for high-efficiency blue light emission and allows for superior thermal stability compared to older LED technologies.
#### 2. Radiation Pattern
The HLMP-CB27 series features a **narrow viewing angle (23°)**. This concentrated beam is achieved through a precise optical grade epoxy lens, making it ideal for directional lighting where light needs to travel long distances.
#### 3. Binning and Intensity
The "R0D00" suffix refers to the specific binning for intensity and color.
* **Intensity Binning:** Ensures uniform brightness when multiple LEDs are used in a single display panel.
* **Color Binning:** Ensures wavelength consistency to prevent "patchy" color variations in large signs.
---
### Typical Circuit Application
When integrating this LED into a circuit, a current-limiting resistor is required.
**Example Calculation:**
To run the LED at 20mA ($I_F = 0.02A$) from a 5V source:
```text
R = (V_source - V_forward) / I_forward
R = (5V - 3.2V) / 0.02A
R = 90 Ohms (Use 100 Ohm standard resistor)
```
---
### Common Applications
* **Variable Message Signs (VMS):** Highway traffic signs and information boards.
* **Commercial Outdoor Advertising:** Full-color billboards.
* **Industrial Indicators:** Status lights that must be visible in direct sunlight.
- ⤷
What are the storage temperature limits for InGaN LEDs like this?
- ⤷ How does the viewing angle affect the perceived brightness of the LED?
- ⤷ Can this LED be dimmed using Pulse Width Modulation (PWM)?