Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • HM-0-R/Q

  • AI
    The **HM-0-R/Q** series typically refers to high-performance, precision SMD (Surface Mount Device) resistors, often associated with manufacturers like **Susumu** or specific industrial hardware standards. These components are characterized by their thin-film technology, offering high reliability and stability. --- ### 1. Technical Specifications Below are the general electronic characteristics associated with the HM series of precision resistors: | Parameter | Specification (Typical) | | :--- | :--- | | **Material** | Thin Film (Metal Layer) | | **Case Size** | Varies (e.g., 0402, 0603, 0805) | | **Tolerance** | ±0.01% to ±0.1% | | **Temperature Coefficient (TCR)** | ±1 ppm/°C to ±25 ppm/°C | | **Power Rating** | 0.063W to 0.25W | | **Operating Temp Range** | -55°C to +155°C | ### 2. Suffix Meaning (R/Q) In electronic component nomenclature, suffixes usually denote specific performance tiers or packaging styles: * **R (Reliability/Resistance):** Often denotes a standard high-reliability grade or specifies the resistance value in ohms (e.g., 10R = 10Ω). * **Q (Precision/Quality):** Frequently signifies a specific tolerance level (often **±0.02%** or **±0.05%**) or a specific automotive qualification like AEC-Q200. ### 3. Key Electronic Features * **Low Noise:** Thin film construction provides significantly lower thermal noise compared to thick film resistors, making them ideal for audio and measurement circuits. * **Long-term Stability:** The metal film is sputtered onto a high-purity ceramic substrate, ensuring the resistance value does not drift over years of operation. * **High Frequency Performance:** Low internal inductance and capacitance allow these parts to perform well in high-speed signal processing. ### 4. Common Applications Due to their precision, these parts are found in: 1. **Medical Instrumentation:** Precision monitoring devices. 2. **Automotive Electronics:** Engine control units and sensor interfaces (AEC-Q200 compliant). 3. **Industrial Automation:** Control loops and precision scales. 4. **Telecommunications:** Base station power management and signal conditioning. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between thin-film and thick-film resistors?
    • ⤷ How do I decode the full part number for HM series resistors?
    • ⤷ Are these components AEC-Q200 certified?