HM-1-R/Q
AI

The **HM-1-R** and **HM-1-Q** are part of a series of high-quality, miniature electromechanical **hour meters** (running time meters) manufactured by companies like Baumer or Grasslin. These devices are primarily used to monitor the operating time of machines to schedule maintenance intervals.
---
## 1. Technical Specifications
The "R" and "Q" designations typically refer to the mounting style or the specific internal movement mechanism.
| Feature | HM-1-R (Typical) | HM-1-Q (Typical) |
|:---|:---|:---|
| **Display Type** | Analog (Rolling cylinders) | Analog (Rolling cylinders) |
| **Capacity** | 99,999.99 hours | 99,999.99 hours |
| **Voltage Range** | 10–30V DC or 230V AC | 10–30V DC or 230V AC |
| **Frequency** | 50/60 Hz (for AC models) | Quartz-controlled (DC models) |
| **Mounting** | Circular / Flush Mount | Square / Flush Mount |
| **Protection Class** | IP65 (Front side) | IP65 (Front side) |
---
## 2. Key Electronic Components
The internal construction differs based on whether the unit is an AC (Synchronous) or DC (Quartz) model:
### A. The Synchronous Motor (AC Models)
In AC versions, the "clock" is driven by the frequency of the power grid (50Hz or 60Hz).
* **Stator/Rotor:** A small synchronous motor turns at a speed locked to the line frequency.
* **Gear Train:** High-precision plastic or brass gears reduce the high-speed rotation of the motor down to 1/100th of an hour increments.
### B. The Quartz Oscillator (DC Models)
In DC versions (often denoted by the "Q"), the timing is handled electronically.
* **Quartz Crystal:** Provides a stable frequency reference (usually 32.768 kHz).
* **Frequency Divider IC:** A small integrated circuit divides the crystal frequency down to a pulse every few seconds.
* **Stepper Motor:** A tiny pulse-driven motor moves the mechanical counter wheels forward.
---
## 3. Connection and Wiring
These parts usually feature two terminal pins or spade connectors. Since they are electromechanical, they do not have a "reset" button; they provide a permanent record of operation.
```text
Wiring Diagram (General):
[ Power Source (+) ] ---- [ Pin 1 ]
[ Power Source (-) ] ---- [ Pin 2 ]
```
*Note: In AC models, polarity does not matter. In DC models, correct polarity is required for the quartz circuit to function.*
---
## 4. Distinguishing Features (R vs. Q)
* **HM-1-R:** Often signifies a **Round** bezel or a specific **Resistant** casing for industrial vibration.
* **HM-1-Q:** Generally signifies a **Quartz** movement, which is highly accurate and independent of power line fluctuations, or a **Square** (Quadratic) DIN-standard housing.
---
- ⤷
What is the difference in power consumption between the AC and DC versions?
- ⤷ Can these hour meters be reset to zero manually?
- ⤷ How do I interpret the decimal (red) digits on the display?