Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • HM2103C

  • AI
    The **HM2103C** is a high-performance, low-power **Hall Effect Switch IC**, primarily designed for magnetic sensing applications. It is commonly used in consumer electronics for functions like lid-close detection or proximity sensing. --- ## 1. Key Specifications The electronic behavior of the HM2103C is defined by its sensitivity to magnetic fields and its CMOS-based output structure. | Feature | Specification (Typical) | | :--- | :--- | | **Operating Voltage ($V_{DD}$)** | 1.6V to 5.5V | | **Average Supply Current** | ~5.0 µA (at 1.8V) | | **Magnetic Threshold ($B_{OP}$)** | ±35 Gauss (Omnipolar) | | **Magnetic Release ($B_{RP}$)** | ±25 Gauss | | **Output Type** | Push-Pull (CMOS) | | **Package Type** | SOT-23 / TO-92S / DFN | --- ## 2. Functional Components Internally, the HM2103C consists of several integrated circuits that process physical magnetic flux into a digital signal: 1. **Hall Element:** The transducer that converts magnetic flux density into an electrical voltage via the Hall effect. 2. **Chopper-Stabilized Amplifier:** Minimizes the offset voltage and temperature drift, ensuring high sensitivity and stability. 3. **Sleep/Awake Logic:** To conserve power, the IC cycles between an "Awake" state (sampling the field) and a "Sleep" state. This results in the ultra-low average current consumption. 4. **Digital Comparator:** Compares the amplified Hall voltage against the internal reference ($B_{OP}$ and $B_{RP}$). 5. **Output Driver:** A push-pull output stage that eliminates the need for an external pull-up resistor. --- ## 3. Magnetic Characteristics (Omnipolar) The HM2103C is **Omnipolar**, meaning it responds to both North and South poles of a magnet. * **Switching Logic:** * When the magnetic flux density ($B$) exceeds the Operating Point ($B_{OP}$), the output goes **Low**. * When the magnetic flux density ($B$) falls below the Release Point ($B_{RP}$), the output goes **High**. * **Hysteresis:** The difference between $B_{OP}$ and $B_{RP}$ ensures that the output does not "chatter" or flicker when the magnet is at the edge of the sensing range. --- ## 4. Typical Application Circuit Because it features a push-pull output, the wiring is extremely simple. ```markdown VDD (1.6V - 5.5V) | +-------[ C1: 0.1uF ]-------+ | | +----+----+ +---+---+ | Pin 1 | (VDD) | GND | | | +-------+ | HM2103C | | | +-------+ | Pin 3 | (OUT) ---------> | MCU | (GPIO Input) +----+----+ +-------+ | (GND) ``` --- ## 5. Applications * **Mobile Devices:** Screen on/off function for flip covers in smartphones and tablets. * **Laptops:** Lid open/close detection (Sleep mode trigger). * **Smart Meters:** Detection of magnetic tampering. * **Toys:** Contactless switches for activation.
    ✨ Follow-up Questions
    • ⤷ What is the difference between an Omnipolar and a Unipolar Hall effect switch?
    • ⤷ How does chopper stabilization improve the performance of the HM2103C?
    • ⤷ What are the power consumption trade-offs when using this IC in battery-operated devices?