Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • HMC772LC4

  • AI
    ## Technical Overview of the HMC772LC4 The **HMC772LC4** is a high-performance, GaAs (Gallium Arsenide), Monolithic Microwave Integrated Circuit (MMIC), Low Noise Wideband Amplifier (LNA). It is designed to operate in the microwave and millimeter-wave frequency ranges, typically used in radar, electronic warfare, and fiber optic systems. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Frequency Range** | 2 GHz to 12 GHz | | **Gain** | 15 dB (Typical) | | **Noise Figure** | 1.8 dB | | **P1dB (Output Power)** | +13 dBm | | **Supply Voltage (Vdd)** | +4.0 V | | **Supply Current (Idd)** | 45 mA | | **Package Type** | 4x4 mm SMT (Ceramic) | --- ### 2. Functional Description The HMC772LC4 functions as a **wideband LNA**. Its primary internal components and features include: * **Self-Biased Architecture:** The device simplifies circuit design by requiring only a single positive supply voltage. * **Matched I/Os:** The RF input and output are internally matched to **50 Ohms**, eliminating the need for complex external impedance matching networks. * **GaAs pHEMT Technology:** Utilizes Pseudomorphic High Electron Mobility Transistor technology to achieve a very low noise figure while maintaining high linearity. --- ### 3. Pin Configuration (Simplified) | Pin Number | Name | Description | | :--- | :--- | :--- | | 1, 3, 4, 6 | GND | Ground connections for heat dissipation and RF return. | | 2 | RFIN | RF Input signal (DC coupled). | | 5 | RFOUT | RF Output signal (DC coupled). | | 8 | Vdd | Power supply voltage (+4V). | --- ### 4. Common Applications * **Point-to-Point Radios:** High-speed wireless data backhaul. * **Test & Measurement:** Used in signal generators and spectrum analyzers. * **Military & Space:** Radar receivers and electronic intelligence (ELINT). * **Fiber Optics:** Wideband pre-amplification for optical receivers. --- ### 5. Implementation Schematic (Example) To operate the HMC772LC4, standard decoupling capacitors are required on the supply line: ```markdown Vdd (+4V) ----[ 100pF ]----[ 0.01uF ]----[ 4.7uF ]---- Pin 8 | | (GND) (GND) ```
    ✨ Follow-up Questions
    • ⤷ What are the thermal considerations for mounting the LC4 ceramic package?
    • ⤷ How does the gain flatness of the HMC772LC4 perform across the 2-12 GHz range?
    • ⤷ Are there specific DC blocking capacitor requirements for the RFIN and RFOUT pins?