HMS-5-R/K
AI

The **HMS-5-R/K** is a specific model of a **Magnetic Stirrer with Hotplate**, commonly used in laboratory environments for heating and mixing liquids simultaneously. The "R/K" designation typically refers to the control interface (Analog/Digital or Remote capability depending on the manufacturer).
Below is a breakdown of the core electronic components and their functions.
---
## 1. Core Electronic Components
The device relies on a combination of power electronics for heating and control electronics for motor regulation.
| Component | Function | Description |
| :--- | :--- | :--- |
| **Heating Element** | Thermal Energy | Typically a resistive wire (Ni-Cr) embedded in ceramic or aluminum to provide surface heat. |
| **Brushless DC Motor** | Stirring | Drives the internal magnet that rotates the external stir bar via magnetic coupling. |
| **Microcontroller (MCU)** | Logic Control | Processes user input from knobs/buttons and manages the PID loop for temperature stability. |
| **Triac / Solid State Relay** | Power Switching | Rapidly switches the heating element on/off to maintain a precise temperature. |
| **Potentiometer** | User Input | Variable resistors used to adjust the speed (RPM) and temperature setpoints. |
| **Hall Effect Sensor** | Speed Feedback | Monitors the RPM of the motor to ensure consistent stirring even as liquid viscosity changes. |
---
## 2. Technical Specifications (Electronic)
Most units in the HMS-5 series share these general electrical characteristics:
* **Voltage Input:** 220V - 240V AC (or 110V depending on region).
* **Frequency:** 50/60 Hz.
* **Speed Range:** Approximately 100 to 1,500 RPM.
* **Temperature Range:** Room temperature to 350°C - 450°C.
* **Safety Circuit:** Independent safety cut-out that disconnects power if the plate exceeds a critical temperature (usually 450°C+).
---
## 3. Circuit Functional Blocks
### A. Power Supply Unit (PSU)
Converts the high-voltage AC input into low-voltage DC (5V or 12V) to power the control logic, sensors, and the motor.
### B. Speed Control Circuit
Uses a **Pulse Width Modulation (PWM)** signal to control the motor speed. The "K" variant often features a tachometer feedback loop to ensure that if the liquid thickens, the motor increases torque to maintain the set RPM.
### C. Temperature Control (PID)
The unit uses a **Proportional-Integral-Derivative (PID)** algorithm. It reads data from a PT100 or K-type thermocouple (internal or external probe) and adjusts the duty cycle of the heater to prevent temperature overshoot.
---
## 4. Maintenance & Safety Parts
* **Fuse:** Protects the internal PCB from overcurrent or short circuits.
* **Thermal Fuse:** A physical safety backup that melts if the electronic control fails, preventing a fire.
* **Display Module:** LED or LCD screen (in Digital versions) to show real-time temperature and RPM.
---
- ⤷
What is the difference between the 'R' and 'K' designations for this specific stirrer?
- ⤷ How do I calibrate the temperature sensor on an HMS-5 series device?
- ⤷ What are the common failure points in the motor control circuit for magnetic stirrers?