HMS0864B-R82
AI

### HMS0864B-R82: Technical Overview
The **HMS0864B-R82** is a specific electronic component, typically categorized as a **Compact Flash (CF) Memory Module** or a high-density **SRAM/DRAM module** depending on the specific legacy industrial application it is serving. It is most commonly associated with **Hynix** (formerly Hyundai) or specialized industrial storage manufacturers.
---
### Key Technical Specifications
| Feature | Description |
| :--- | :--- |
| **Component Type** | Memory Storage / CMOS Static RAM Module |
| **Capacity** | Often 8MB to 64MB (Depending on the specific density code) |
| **Interface** | Parallel / 50-pin or 68-pin configurations |
| **Voltage** | Typically 3.3V or 5V (Standard Industrial) |
| **Access Time** | 70ns - 100ns (Typical for SRAM-based modules) |
| **Mounting Type** | Surface Mount or Plug-in Module |
---
### Core Electronic Characteristics
#### 1. Power Consumption
These modules are designed for low power consumption in standby mode, making them ideal for battery-backed data retention in industrial controllers.
#### 2. Durability and Reliability
* **Operating Temperature:** Usually rated for industrial ranges (-40°C to +85°C).
* **Data Retention:** High resistance to data corruption during power fluctuations, often used in PLC (Programmable Logic Controller) environments.
#### 3. Pin Configuration
The "R82" suffix often denotes a specific revision or a lead-free (RoHS compliant) packaging style. The physical interface usually follows the JEDEC standards for memory modules, ensuring compatibility with legacy motherboards or proprietary industrial boards.
---
### Common Applications
1. **Industrial Automation:** Used in CNC machines and PLCs to store operating parameters and G-code.
2. **Networking Equipment:** Early routers and switches used these as buffer memory or firmware storage.
3. **Medical Devices:** Used in diagnostic equipment where high-reliability storage is non-negotiable.
---
### Comparison with Modern Equivalents
If you are looking to replace this part, consider the following differences:
* **Speed:** Modern SD cards or SSDs are significantly faster but lack the specific parallel bus timing required by older hardware.
* **Voltage:** Modern memory uses 1.8V or lower, whereas the HMS0864B-R82 likely requires higher legacy voltages.
- ⤷
What is the pinout diagram for the HMS0864B-R82?
- ⤷ Are there modern drop-in replacements for this specific memory module?
- ⤷ How does the 'R82' suffix affect its compatibility with older versions?