HMS150-15-R
AI

The **HMS150-15-R** is a high-performance current transducer manufactured by **LEM**. It is designed for the electronic measurement of DC, AC, and pulsed currents with galvanic isolation between the primary circuit (high power) and the secondary circuit (electronic circuit).
---
### 1. Key Technical Specifications
The following table summarizes the primary electrical characteristics of the HMS150-15-R:
| Parameter | Value |
| :--- | :--- |
| **Nominal Current ($I_{pn}$)** | 150 A |
| **Measuring Range ($I_{pm}$)** | 0 to ±450 A |
| **Supply Voltage ($V_c$)** | +5 V DC (Single Supply) |
| **Output Type** | Ratiometric Voltage Output |
| **Output Voltage @ $I_{pn}$** | $V_{ref} \pm 1.25$ V |
| **Reference Voltage ($V_{ref}$)** | 2.5 V |
| **Accuracy** | ±0.5% (at +25°C) |
| **Bandwidth** | DC to 50 kHz (-3 dB) |
---
### 2. Core Electronic Components & Technology
The device utilizes several critical electronic principles to function effectively:
* **Open Loop Hall Effect Technology:** It uses a Hall effect sensor combined with a magnetic core. The magnetic flux produced by the primary current is concentrated in the magnetic circuit and measured by the Hall cell.
* **ASIC (Application Specific Integrated Circuit):** Inside the module, a custom ASIC processes the Hall voltage, provides temperature compensation, and manages the ratiometric output to ensure high linearity.
* **Galvanic Isolation:** The design provides physical and electrical separation between the high-current busbar and the low-voltage control electronics, protecting sensitive MCUs (Microcontrollers).
---
### 3. Connection Pinout
The HMS series typically features a 4-pin interface for the secondary side:
| Pin Number | Name | Function |
| :--- | :--- | :--- |
| 1 | **$V_c$** | Positive Supply Voltage (+5V) |
| 2 | **0V** | Ground / Reference |
| 3 | **$V_{out}$** | Measured Current Output Signal |
| 4 | **$V_{ref}$** | Reference Voltage (Output or Input) |
---
### 4. Application Integration
When integrating this part into a circuit, developers usually follow these steps:
1. **Filtering:** Place a decoupling capacitor (typically 100nF) close to the $V_c$ and 0V pins to minimize noise.
2. **ADC Interface:** The $V_{out}$ is fed directly into an Analog-to-Digital Converter. Since it is ratiometric, if the ADC reference is tied to the same 5V supply, errors in supply voltage cancel out.
3. **Mounting:** The HMS series is usually PCB-mounted with the primary conductor passing through the center aperture or via integrated primary pins.
- ⤷
How does the ratiometric output behave if the supply voltage fluctuates?
- ⤷ What is the difference between an open-loop and a closed-loop current sensor?
- ⤷ What are the thermal derating considerations for the HMS150 series?