HMS150-5-R
AI

The **HMS150-5-R** is a high-performance, compact **Current Transducer** manufactured by **LEM**. It is specifically designed for the electronic measurement of DC, AC, and pulsed currents with galvanic isolation between the primary circuit (high power) and the secondary circuit (electronic interface).
---
### ## Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Nominal Current ($I_{PN}$)** | 150 A |
| **Measuring Range ($I_{PM}$)** | ± 450 A |
| **Supply Voltage ($U_C$)** | +5 VDC (Unipolar) |
| **Output Voltage ($V_{OUT}$)** | 2.5V ± (0.625 * $I_P$ / $I_{PN}$) V |
| **Technology** | Open Loop Hall Effect |
| **Accuracy** | ± 1% |
| **Operating Temperature** | -40°C to +125°C |
| **Package Type** | Surface Mount Device (SMD) |
---
### ## Core Electronic Components & Features
The device operates using **Hall Effect technology**, integrating several critical electronic stages within its small footprint:
1. **Magnetic Core:** A high-permeability magnetic circuit that concentrates the magnetic flux generated by the primary current.
2. **Hall Cell:** A semiconductor sensor that converts the magnetic flux density into a proportional millivolt signal.
3. **ASIC (Application Specific Integrated Circuit):**
* **Amplification:** Boosts the weak Hall signal to a usable level.
* **Temperature Compensation:** Corrects for drift, ensuring accuracy across the wide automotive-grade temperature range.
* **Reference Voltage ($V_{REF}$):** Provides a stable 2.5V midpoint for bidirectional current sensing.
4. **Galvanic Isolation:** Ensures that the high-voltage primary conductor is electrically separated from the low-voltage microcontroller side, protecting sensitive electronics.
---
### ## Pin Configuration & Application
| Pin Number | Name | Function |
| :--- | :--- | :--- |
| 1 | **$V_C$** | Positive power supply (+5V) |
| 2 | **$0V$** | Ground |
| 3 | **$V_{OUT}$** | Output voltage proportional to current |
| 4 | **$V_{REF}$** | Reference voltage (Output/Input) |
#### ### Typical Applications
* **EV/HEV Battery Management:** Monitoring charging and discharging cycles.
* **AC/DC Variable Speed Drives:** Sensing motor phase currents.
* **Solar Inverters:** Tracking power conversion efficiency.
* **Uninterruptible Power Supplies (UPS):** Load monitoring and protection.
---
### ## Advantages of the "R" Suffix
The **-R** version typically denotes **Tape & Reel** packaging, which is optimized for high-speed automated Pick-and-Place assembly lines in industrial manufacturing.
- ⤷
What is the difference between open-loop and closed-loop current sensors?
- ⤷ How do I calibrate the VREF pin for a microcontroller ADC?
- ⤷ Are there higher current alternatives in the HMS series?