HMS80-12-R
AI

The **HMS80-12-R** is a specific model of an AC-DC enclosed switching power supply, typically manufactured by **TDK-Lambda** (though the "HMS" series naming conventions are also used by other industrial power providers). It is designed to convert high-voltage AC input into a stable 12V DC output for industrial and medical applications.
---
### ## Technical Specifications
The following table summarizes the primary electrical characteristics of the HMS80-12-R:
| Parameter | Specification |
| :--- | :--- |
| **Input Voltage Range** | 85 - 265 VAC (Universal Input) |
| **Output Voltage** | 12 VDC |
| **Output Current** | 6.7 A |
| **Total Power Rating** | 80 Watts |
| **Efficiency** | ~82% - 85% (typical) |
| **Cooling** | Convection Cooled (No fan required) |
| **Safety Certifications** | UL60950-1, EN60950-1 (Industrial Standard) |
---
### ### Key Electronic Components & Features
1. **Switching Regulator (PWM Controller):**
The heart of the unit is a Pulse Width Modulation (PWM) controller. It rapidly switches the input voltage to regulate the output, ensuring high efficiency and a smaller physical footprint compared to linear power supplies.
2. **Input Filter (EMI/EMC):**
Contains X and Y capacitors and common-mode chokes. These parts prevent electromagnetic interference (EMI) from leaking back into the power grid and protect the internal circuits from external surges.
3. **Electrolytic Capacitors:**
High-grade capacitors are used for smoothing the rectified AC voltage and filtering the DC output. In the "R" (RoHS compliant) versions, these are often rated for high temperatures (105°C) to ensure a long service life.
4. **Isolation Transformer:**
Provides galvanic isolation between the high-voltage AC input and the 12V DC output, ensuring user safety and protecting sensitive downstream electronics.
5. **Protection Circuitry:**
* **Overcurrent Protection (OCP):** Shuts down or limits current if the load exceeds 6.7A.
* **Overvoltage Protection (OVP):** Clamps the output if the voltage exceeds a safe threshold (usually ~13.8V-15V).
* **Short Circuit Protection:** Prevents damage if the positive and negative terminals are bridged.
---
### ### Physical Construction
* **Enclosure:** The "HMS" series usually features a perforated metal cage. This provides mechanical protection and acts as a heat sink.
* **Terminal Block:** Standard screw terminals for secure wiring of Input (L, N, Ground) and Output (+V, -V).
* **Potentiometer:** Includes a small V.ADJ (Voltage Adjustment) trimmer, allowing the user to fine-tune the 12V output (typically ±10%).
- ⤷
What are the mounting options for the HMS80 series?
- ⤷ How does the HMS80-12-R handle thermal derating in enclosed spaces?
- ⤷ Is there a medical-grade version of this power supply available?