AI

The **HMS80-24-R** is a high-reliability, industrial-grade AC-DC switching power supply manufactured by **TDK-Lambda**. It is designed for compact spaces and belongs to the HMS series, known for its efficiency and durability.
---
### ## Technical Specifications
The following table highlights the core electrical characteristics of the HMS80-24-R:
| Parameter | Specification |
| :--- | :--- |
| **Input Voltage Range** | 85 - 265 VAC (Universal Input) |
| **Output Voltage** | 24V DC |
| **Output Current** | 3.4 A |
| **Rated Power** | 81.6 Watts |
| **Efficiency** | ~85-88% |
| **Operating Temperature** | -20°C to +70°C (with derating) |
| **Mounting Type** | Chassis Mount |
| **Safety Certifications** | UL60950-1, CSA C22.2, EN60950-1 |
---
### ### Key Electronic Features
1. **Overcurrent Protection (OCP):**
It features a constant current limiting circuit with automatic recovery. If the load exceeds the rated current, the unit limits the output to prevent internal damage.
2. **Overvoltage Protection (OVP):**
If the internal circuitry fails and the voltage spikes above approximately 115-135% of the rated output, the power supply shuts down to protect the connected equipment.
3. **Low Profile Design:**
The "HMS" series is specifically engineered to be "1U" compatible (approximately 37mm in height), making it ideal for rack-mounted equipment.
4. **Electromagnetic Interference (EMI):**
It complies with EN55011/EN55022-B and FCC-B standards, meaning it produces very low electronic noise, which is critical for sensitive measuring instruments.
---
### ### Terminal Configuration
The device typically uses a screw-terminal interface for secure connections in high-vibration environments:
* **L, N, FG:** AC Input (Line, Neutral, Frame Ground).
* **-V, +V:** DC Output terminals.
* **V.ADJ:** A small potentiometer located on the front panel that allows for fine-tuning the output voltage (usually ±10%).
---
- ⤷
What are the specific derating curves for the HMS80-24-R at high temperatures?
- ⤷ Can this power supply be connected in parallel for higher current output?
- ⤷ What is the difference between the HMS series and the HWS series from TDK-Lambda?