HORNET-S3
AI

The **HORNET-S3** is typically referred to as a high-performance long-range FPV (First Person View) drone or a specialized RC receiver module (depending on whether you are looking at the full airframe or the radio link system).
Below is a breakdown of the core electronic components usually found in a HORNET-S3 configuration.
---
### 1. Flight Control & Power System
The "brain" and the "muscles" of the unit manage stability and power distribution.
| Component | Function | Key Specifications |
| :--- | :--- | :--- |
| **Flight Controller (FC)** | Processes sensor data and pilot input. | Often uses F4 or F7 processors with MPU6000 gyros. |
| **Electronic Speed Controller (ESC)** | Regulates motor speed and power. | Usually a 4-in-1 ESC supporting 45A-60A current. |
| **Brushless Motors** | Provide physical lift. | High-KV motors optimized for 3-inch or 5-inch props. |
---
### 2. Communication System (The "S3" Module)
The "S3" designation often refers to the **2.4GHz ELRS (ExpressLRS)** or specialized telemetry modules designed for long-range reliability.
* **RF Chipset:** Typically based on the **Semtech SX1280/1281** LoRa chips.
* **Telemetry:** Provides real-time data back to the handset (battery voltage, GPS coordinates, signal strength).
* **Antenna:** Uses high-gain dipole or "T" style antennas to ensure link stability at several kilometers.
---
### 3. FPV Video Transmission (VTX)
This system handles the visual feed sent to the pilot's goggles.
```mermaid
graph LR
Camera --> VTX
VTX --> Antenna
Antenna -- Wireless Signal --> Goggles
```
* **Camera:** Low-latency CMOS sensor (e.g., Caddx or Runcam).
* **Video Transmitter (VTX):** Switchable power levels (25mW to 1000mW+) to balance heat and range.
* **OSD (On-Screen Display):** An integrated chip that overlays flight data (speed, altitude) onto the video feed.
---
### 4. Auxiliary Electronics
| Part | Purpose |
| :--- | :--- |
| **GPS Module** | Enables "Return to Home" (RTH) and position holding. |
| **Buzzer** | Acoustic alarm used to find the craft if it crashes in tall grass. |
| **Capacitor** | Large electrolytic capacitor (e.g., 35V 1000uF) to filter electrical noise from the motors. |
---
- ⤷
What are the specific wiring diagrams for the HORNET-S3 receiver?
- ⤷ Does the HORNET-S3 support 6S battery configurations?
- ⤷ How do I update the firmware on the S3 communication module?