HORNETPRO-8R4
AI

The **HORNETPRO-8R4** is a rugged, high-performance industrial remote control receiver manufactured by RF Solutions. It operates on the 868MHz frequency band and is designed for switching electrical loads wirelessly.
### 1. Key Specifications
The following table highlights the primary electronic and technical characteristics of the HORNETPRO-8R4:
| Feature | Specification |
| :--- | :--- |
| **Operating Voltage** | 12V - 32V AC or DC |
| **Frequency** | 868.35 MHz |
| **RF Sensitivity** | -121 dBm |
| **Output Channels** | 4 Channels (Relay Outputs) |
| **Relay Contact Rating** | 5A @ 230VAC / 30VDC |
| **Range** | Up to 200m (Line of Sight) |
| **Enclosure Rating** | IP68 (Waterproof/Dustproof) |
---
### 2. Core Electronic Components
#### A. RF Receiver Module
The heart of the device is a highly sensitive FSK (Frequency Shift Keying) receiver. It utilizes a narrow-band 868MHz frequency, which minimizes interference from other wireless devices (like 433MHz consumer electronics or 2.4GHz Wi-Fi).
#### B. Relay Outputs (4-Channel)
The unit features four independent electromagnetic relays.
* **Configuration:** These are typically "Volt-Free" (Dry) contacts, meaning they act as a simple switch.
* **Operating Modes:** The electronic logic allows the relays to be configured in different modes via internal jumpers or "learn" buttons:
* **Momentary:** The relay is active only while the transmitter button is pressed.
* **Latching:** One press turns the relay ON; the next press turns it OFF.
#### C. Power Management Circuitry
The board includes an internal bridge rectifier and voltage regulator. This allows the device to accept a wide range of input voltages (12V to 32V) without polarity issues, making it compatible with both automotive/marine (DC) and industrial control (AC) power supplies.
#### D. Antenna System
The unit comes with an internal helical antenna, but it features a standard screw-terminal connection for an external SMA antenna if extended range or mounting inside a metal enclosure is required.
---
### 3. Wiring Configuration
The terminal blocks are usually labeled for easy integration. Below is a simplified representation of the wiring logic:
```text
[ Power In (+) ] ---- [ 12-32V AC/DC ]
[ Power In (-) ] ---- [ Common/Ground ]
[ Relay 1 - NO ] ---- [ Load Input ]
[ Relay 1 - COM] ---- [ Power Source for Load ]
... (Repeated for Relays 2, 3, and 4)
```
- ⤷
How do I pair a new transmitter with the HORNETPRO-8R4?
- ⤷ What is the maximum distance for an external antenna cable without signal loss?
- ⤷ Can I change the relay output from Momentary to Latching?