Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • HPA-1A-R

  • AI
    The **HPA-1A-R** is a specific model of a **High-Power Attenuator**, typically utilized in RF (Radio Frequency) and microwave communication systems. Its primary function is to reduce the power of a signal without significantly distorting its waveform. --- ### 1. Key Technical Specifications The "HPA" prefix generally stands for **High Power Attenuator**, and the suffixes denote specific electrical characteristics. | Feature | Description | | :--- | :--- | | **Device Type** | Fixed Coaxial Attenuator | | **Impedance** | Usually 50 Ohms (Standard for RF) | | **Power Rating** | Often indicates high wattage (e.g., 10W to 100W+ depending on cooling) | | **Connector Type** | Typically N-Type or SMA (Female/Male) | | **Frequency Range** | DC to 3 GHz / 6 GHz (Application dependent) | --- ### 2. Internal Electronic Composition The internal architecture of an HPA-1A-R consists of specialized passive components designed to dissipate heat. #### A. Resistive Element (The Core) The heart of the device is a **Thin-Film or Thick-Film resistor** substrate. * **Material:** Often Alumina ($Al_2O_3$) or Beryllium Oxide (BeO) for high thermal conductivity. * **Configuration:** Usually a "Pi" ($\pi$) or "T" network configuration to maintain constant impedance while dropping voltage. #### B. Heat Sink Body Because high-power attenuation converts electrical energy into heat, the outer casing acts as a radiator. * **Material:** Anodized Aluminum with cooling fins. * **Function:** Increases surface area to prevent the internal resistors from reaching their Curie temperature and failing. #### C. RF Connectors The "R" in the suffix often denotes **RoHS compliance** or a specific **Reverse Polarity/Gender** configuration. * The pins are gold-plated to ensure low insertion loss and prevent oxidation over time. --- ### 3. Common Applications These parts are critical in environments where sensitive equipment must interface with high-power transmitters. 1. **Laboratory Testing:** Connecting a high-power transmitter to a delicate Spectrum Analyzer. 2. **Signal Leveling:** Reducing signal strength in distributed antenna systems (DAS) to prevent receiver saturation. 3. **Impedance Matching:** Used to improve the "Match" (VSWR) between two mismatched RF stages. --- ### 4. Typical Connection Diagram ```mermaid graph LR A[High Power Source] --> B((HPA-1A-R)) B --> C[Sensitive Measuring Tool] style B fill:#f96,stroke:#333,stroke-width:2px ```
    ✨ Follow-up Questions
    • ⤷ What is the specific dB attenuation value for the HPA-1A-R model?
    • ⤷ How does the 'R' suffix specifically change the connector or compliance specs?
    • ⤷ What are the thermal limits for this attenuator during continuous operation?