HPC042N-R88MTR
AI

The **HPC042N-R88MTR** is a high-performance, surface-mount (SMD) power inductor. It is typically used in power management circuits for high-frequency DC-DC converters, mobile devices, and telecommunications equipment.
Below is a detailed breakdown of its electronic characteristics and specifications.
---
### 1. Technical Specifications
The part number "R88" indicates the inductance value, and "042N" refers to the physical package size.
| Parameter | Specification (Typical) |
| :--- | :--- |
| **Inductance** | 0.88 µH (Microhenries) |
| **Tolerance** | ±20% (indicated by 'M') |
| **DC Resistance (DCR)** | Low (approx. 4.0 mΩ - 6.0 mΩ) |
| **Saturation Current (Isat)** | High (typically 15A - 20A) |
| **Heating Current (Irms)** | High (typically 12A - 15A) |
| **Case Size** | 4.0mm x 4.0mm x 2.0mm (approx.) |
| **Operating Temperature** | -40°C to +125°C |
---
### 2. Key Internal Components & Materials
The "HPC" series generally utilizes a **Metal Alloy Powder** construction.
* **Core Material:** Shielded construction using magnetic metal powder. Unlike traditional ferrite cores, metal powder cores offer "soft saturation" characteristics, meaning the inductance drops gradually rather than abruptly when current increases.
* **Winding:** Flat or round copper wire, designed to minimize DC resistance (DCR) and maximize efficiency.
* **Encapsulation:** Molded body which provides magnetic shielding to reduce Electromagnetic Interference (EMI) and protects the coil from physical damage.
---
### 3. Application Use-Cases
This specific inductor is chosen for circuits where space is limited but high current handling is required:
1. **Voltage Regulator Modules (VRM):** Used in CPU/GPU power delivery.
2. **Point of Load (POL) Converters:** Converting higher battery voltages down to 1.0V - 3.3V for logic circuits.
3. **Battery Powered Devices:** Ideal for smartphones and tablets due to the low profile and high efficiency.
4. **Automotive Infotainment:** Suitable for rugged environments requiring high-temperature stability.
---
### 4. Part Number Decoder (Example)
While manufacturers vary slightly, the nomenclature usually follows this logic:
| Segment | Meaning |
| :--- | :--- |
| **HPC** | Series Name (High Power/Current) |
| **042N** | Dimensions (04 x 04 x 2.0mm) |
| **R88** | Inductance (R = Decimal, so 0.88 µH) |
| **M** | Tolerance (M = ±20%) |
| **TR** | Packaging (Tape & Reel) |
---
- ⤷
What are the advantages of metal powder cores over ferrite cores in power inductors?
- ⤷ How does the DCR of the HPC042N impact the overall efficiency of a DC-DC converter?
- ⤷ What are the recommended soldering profiles for this SMD component?