HPC073N-R82MTR
AI

The **HPC073N-R82MTR** is a high-performance, surface-mount (SMD) power inductor commonly used in DC-DC converters and high-current power supplies. It belongs to the **HPC series** of metal-alloy molded power inductors.
---
### 1. Part Number Breakdown
Understanding the nomenclature helps identify the component's specific characteristics:
| Component Code | Meaning | Details |
| :--- | :--- | :--- |
| **HPC** | Series | High Performance Inductor (Molded Type) |
| **073** | Size Code | Approx. 7.0mm x 6.6mm x 3.0mm |
| **N** | Construction | Standard shielding/material type |
| **R82** | Inductance | **0.82 µH** (R denotes the decimal point) |
| **M** | Tolerance | **±20%** |
| **TR** | Packaging | Tape & Reel |
---
### 2. Technical Specifications
The "R82" value indicates this is a low-inductance, high-speed part designed for high-frequency switching.
* **Inductance:** 0.82 µH
* **DC Resistance (DCR):** Extremely low (typically in the range of 3mΩ to 5mΩ) to minimize power loss.
* **Saturation Current ($I_{sat}$):** High capacity (often > 20A), meaning it maintains inductance even under high load.
* **Operating Temperature:** Typically -40°C to +125°C.
* **Material:** Metal alloy powder core (offers better saturation characteristics than traditional ferrite).
---
### 3. Key Features
* **Magnetic Shielding:** The molded construction provides excellent EMI (Electromagnetic Interference) shielding.
* **High Current Density:** Capable of handling large current spikes without core saturation.
* **Low Buzz Noise:** The solid molded structure reduces acoustic noise caused by magnetostriction.
* **Compact Footprint:** The "073" size is optimized for high-density PCB layouts in portable electronics.
---
### 4. Common Applications
This inductor is typically found in stages where voltage needs to be stepped down (Buck Converters) for power-hungry components:
1. **Graphic Cards (GPUs):** Powering the core VRM (Voltage Regulator Module).
2. **Laptops/Tablets:** CPU power rails where efficiency is critical.
3. **Servers:** High-efficiency POL (Point-of-Load) converters.
4. **Networking:** Routers and switches requiring stable power under varying loads.
- ⤷What is the difference between metal alloy and ferrite core inductors?
- ⤷ How do I calculate the ripple current for this 0.82uH inductor?
- ⤷ Can this part be used in automotive applications (AEC-Q200)?