HPC104N-R56MTR
AI

The **HPC104N-R56MTR** is a high-performance, surface-mount (SMD) power inductor. This component is specifically designed for high-current power supplies, voltage regulator modules (VRMs), and DC-DC converters where efficiency and high-frequency stability are critical.
---
### 1. Key Technical Specifications
The part number can be decoded to understand its physical and electrical characteristics:
| Parameter | Specification | Description |
| :--- | :--- | :--- |
| **Inductance** | 0.56 µH (R56) | Measured at 100kHz, 1V |
| **Tolerance** | ±20% (M) | Standard tolerance for power inductors |
| **Size Code** | 104 | Refers to dimensions (~10mm x 10mm) |
| **DC Resistance (DCR)** | ~1.5 - 2.0 mΩ | Extremely low to minimize power loss |
| **Saturation Current ($I_{sat}$)** | ~25A - 32A | Point where inductance drops significantly |
| **Heat Rating Current ($I_{rms}$)** | ~20A - 28A | Maximum continuous current based on temperature rise |
---
### 2. Physical Construction and Features
The HPC series (High Power Choke) utilizes specific materials and shielding techniques to perform in harsh electronic environments:
* **Shielded Construction:** The inductor is magnetically shielded. This prevents electromagnetic interference (EMI) from leaking out and affecting nearby sensitive components on the PCB.
* **Molded Powder Core:** Usually constructed from a metallic powder core (often iron-based). This allows for "soft saturation" characteristics, meaning the inductance doesn't drop off instantly when current spikes.
* **Flat Wire Technology:** Many high-current inductors in this class use flat copper wire instead of round wire. This increases the surface area, reducing the **Skin Effect** at high frequencies and lowering DCR.
---
### 3. Application Use Cases
The HPC104N-R56MTR is typically found in the following circuits:
1. **Motherboards & Servers:** Used in the Vcore power phase for CPUs and GPUs where low voltage but very high current is required.
2. **DC-DC Buck Converters:** Acts as the energy storage element in step-down converters.
3. **Industrial Power Supplies:** Used in high-reliability power modules for telecommunications and networking gear.
---
### 4. Part Number Breakdown
`HPC` `104` `N` - `R56` `M` `T` `R`
* **HPC:** Series Name (High Power Inductor).
* **104:** Dimensions (approx. 10.0 x 10.0 x 4.0 mm).
* **N:** Material/Designator (often indicates Lead-Free/RoHS).
* **R56:** Inductance value ($0.56$ microhenries).
* **M:** Tolerance ($\pm20\%$).
* **T:** Packaging (Tape & Reel).
* **R:** Standard/Revision code.
---
- ⤷What are the equivalent alternative part numbers for the HPC104N-R56MTR?
- ⤷ How does the 'soft saturation' of this inductor compare to ferrite core inductors?
- ⤷ What is the recommended solder profile for this specific SMD component?