Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • HPR-10LD-H-R

  • AI
    The **HPR-10LD-H-R** is a specific electronic component, typically categorized as a high-performance **Liquid Crystal Display (LCD) Backlight Inverter** or a **High-Voltage Power Module**, often used in industrial or medical-grade display systems. Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. General Specifications This part is designed to convert low-voltage DC input into high-voltage AC output to drive Cold Cathode Fluorescent Lamps (CCFL) or similar high-intensity lighting elements. | Feature | Description | | :--- | :--- | | **Component Type** | DC-AC Inverter / Power Module | | **Primary Application** | LCD Backlighting / Industrial Displays | | **Input Voltage** | Typically 10.8V to 13.2V DC (Nominal 12V) | | **Output Type** | High-Voltage AC (Sine Wave) | | **Dimming Support** | Pulse Width Modulation (PWM) or Analog | --- ### 2. Key Electronic Components & Internal Architecture The HPR-10LD-H-R consists of several critical stages to ensure stable power delivery: * **Input Filter Stage:** Uses electrolytic and ceramic capacitors to smooth out noise from the DC power supply. * **Switching Controller:** An Integrated Circuit (IC) that manages the frequency of the power conversion (typically 40kHz to 80kHz). * **Power MOSFETs:** Act as electronic switches to drive the primary side of the transformer. * **High-Frequency Step-Up Transformer:** The core component that "steps up" the 12V input to the several hundred (or thousand) volts required for ignition. * **Protection Circuitry:** Includes Over-Voltage Protection (OVP) and Open Lamp Protection (OLP) to prevent circuit damage if a bulb fails. --- ### 3. Pinout and Interface Most modules in this series utilize a standard header connector. While you should consult the specific datasheet for your revision, the typical pin configuration is: | Pin Number | Function | Description | | :--- | :--- | :--- | | **1** | **V_in** | +12V DC Power Input | | **2** | **GND** | Ground | | **3** | **ON/OFF** | Remote Trigger (High = On, Low = Off) | | **4** | **Brightness** | V_cont or PWM Dimming Signal | | **5-6** | **High Voltage** | AC Output to Lamp (usually via a separate JST-BH connector) | --- ### 4. Technical Considerations for Replacement If you are using this part for a repair or a new design, keep the following in mind: 1. **Isolation:** The output side carries high voltage. Ensure there is adequate spacing (creepage/clearance) on your PCB or chassis. 2. **Heat Dissipation:** Under full brightness, the transformer and MOSFETs generate heat. Ensure adequate airflow. 3. **Polarity:** Reversing the input voltage on pins 1 and 2 will likely destroy the internal switching IC immediately. ---
    ✨ Follow-up Questions
    • ⤷What is the exact output voltage range for the HPR-10LD-H-R?
    • ⤷ Can this inverter be modified to drive LED strips instead of CCFL?
    • ⤷ Where can I find the full pinout diagram for this specific model?