Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • HPR103C

  • AI
    The **HPR103C** is a high-performance, miniature DC-to-DC converter module, typically manufactured by Murata (formerly Power Convertibles). It is designed to provide isolated power in a very small SIP (Single Inline Package) footprint. --- ### ## 1. Key Technical Specifications The HPR103C is known for its high efficiency and high power density. Below are the primary electronic characteristics: | Parameter | Specification | | :--- | :--- | | **Input Voltage Range** | 4.5V to 5.5V (5V Nominal) | | **Output Voltage** | 15V DC | | **Output Current** | 50 mA | | **Isolation Voltage** | 750 VDC (Standard) | | **Efficiency** | ~75% to 80% | | **Package Type** | SIP (Single Inline Package) | | **Operating Temperature** | -25°C to +85°C | --- ### ## 2. Core Electronic Components & Architecture Internally, the HPR103C utilizes several electronic stages to achieve voltage conversion and isolation: * **Switching Oscillator:** Converts the DC input into a high-frequency AC signal. This allows for the use of a very small transformer. * **Isolation Transformer:** The heart of the device. It provides galvanic isolation between the input and output circuits, preventing ground loops and protecting sensitive logic from high-voltage transients. * **Rectification & Filtering:** High-speed diodes rectify the transformer's output back to DC, followed by internal capacitors to minimize output ripple and noise. * **Internal Regulation:** While many HPR series modules are unregulated (meaning the output voltage fluctuates slightly with the input), the internal circuitry is optimized to maintain high efficiency across its load range. --- ### ## 3. Typical Applications Because of its small size and isolation properties, it is frequently used in the following electronic contexts: 1. **Analog/Digital Interface:** Isolating sensitive analog-to-digital converters (ADCs) from noisy digital power rails. 2. **Data Acquisition:** Powering sensors that are physically distant or at different ground potentials. 3. **Local Power Distribution:** Stepping up 5V logic power to 15V for operational amplifiers (Op-Amps) or specialized communication ICs. 4. **Ground Loop Elimination:** Breaking ground paths in complex industrial control systems. --- ### ## 4. Pin Configuration (Typical) The HPR103C usually features a 4-pin layout: | Pin Number | Function | Description | | :--- | :--- | :--- | | 1 | +Vin | Positive Input Voltage | | 2 | -Vin | Input Ground (Return) | | 3 | -Vout | Output Ground (Isolated) | | 4 | +Vout | Positive Output Voltage |
    ✨ Follow-up Questions
    • ⤷ What is the difference between the HPR103C and the HPR107C?
    • ⤷ Can the HPR103C be used in parallel to increase output current?
    • ⤷ How much ripple and noise should be expected on the output of this module?