HPV-2-R/A2
AI

The **HPV-2-R/A2** is a specialized high-performance industrial **Rotary Potentiometer/Angle Sensor**, typically used in heavy machinery, joysticks, and control systems. It is designed to convert mechanical rotation into a precise electrical signal.
---
### 1. Technical Specifications
The electrical characteristics are defined by its high durability and precision for industrial environments.
| Feature | Specification |
| :--- | :--- |
| **Type** | Conductive Plastic Potentiometer |
| **Total Resistance** | Typically 2kΩ or 5kΩ (Model specific) |
| **Linearity Tolerance** | ±1% to ±2% |
| **Electrical Angle** | 180° / 360° (Continuous rotation possible) |
| **Power Rating** | 0.2W - 0.5W |
| **Output Type** | Analog Voltage (Ratiometric) |
---
### 2. Core Electronic Components
The internal architecture of the HPV-2-R/A2 consists of several critical electronic elements:
1. **Conductive Plastic Element:** Unlike wire-wound resistors, this uses a smooth polymer track. This provides "infinite resolution," meaning the output changes smoothly rather than in steps.
2. **Multi-fingered Wiper:** A precious metal brush (often gold or silver alloy) that slides across the track. The multi-finger design ensures constant contact even during high vibrations.
3. **Return Spring (R-Series):** The "R" in the model often signifies a **Return-to-center** mechanism, utilizing a mechanical spring to return the electrical output to a neutral midpoint when released.
4. **Integrated Terminals:** Usually features three pins:
* **VCC:** Input voltage (Excitation).
* **GND:** Ground.
* **OUT:** The wiper signal representing the angle.
---
### 3. Connection Diagram
The electronic integration follows a standard voltage divider circuit:
```cpp
// Logic for reading HPV-2-R/A2 on a Microcontroller (e.g., Arduino)
int sensorPin = A0; // Connected to the center pin (Wiper)
int sensorValue = 0; // Variable to store the value
void setup() {
Serial.begin(9600);
}
void loop() {
sensorValue = analogRead(sensorPin); // Reads 0 to 1023
float voltage = sensorValue * (5.0 / 1023.0);
Serial.println(voltage);
delay(100);
}
```
---
### 4. Key Advantages
* **High Life Cycle:** Rated for millions of cycles due to the low-friction conductive plastic.
* **Environmental Resistance:** Often IP-rated to resist dust and moisture common in hydraulic or construction equipment.
* **Signal Stability:** Designed to minimize "noise" (electrical static) during high-speed rotation.
- ⤷
What is the difference between the R and A2 designations in this model series?
- ⤷ How do I calibrate the center-point voltage for this sensor?
- ⤷ Can this sensor be interfaced directly with a 4-20mA industrial loop?