HPV-A-R
AI

The **HPV-A-R** typically refers to a high-performance **High Pressure Relief Valve** or a specific series of **Proportional Relief Valves** used in hydraulic and pneumatic control systems. While the core component is mechanical (a valve), the "Electronic" aspect refers to the **Solenoid Actuator** and the **Electronic Control Unit (ECU/Driver)** used to modulate it.
### 1. Key Electronic Components
The electronic operation of an HPV-A-R valve relies on the following parts:
| Component | Function | Description |
| :--- | :--- | :--- |
| **Proportional Solenoid** | Actuator | Converts electrical current into a mechanical force to move the valve spool. |
| **PWM Controller** | Signal Modulator | Uses Pulse Width Modulation to control the average current, preventing overheating. |
| **LVDT Sensor** | Feedback | (Optional) Linear Variable Differential Transformer to monitor precise spool position. |
| **DIN Connector** | Interface | The electrical plug (often 3-pin or 4-pin) that connects the valve to the power source. |
---
### 2. Technical Specifications (Electronic)
Most HPV series proportional valves operate within standard industrial electronic parameters:
* **Supply Voltage:** Usually 12V DC or 24V DC.
* **Control Signal:** 0-10V (Voltage control) or 4-20mA (Current control).
* **Coil Resistance:** Typically ranges from 5 to 25 Ohms depending on the model.
* **Hysteresis:** < 3% (Electronic dither is often applied to reduce friction/stiction).
---
### 3. Connection Diagram Logic
The wiring for these units generally follows a standard bridge or driver configuration:
```yaml
Pin 1: Positive (+) Supply / Signal High
Pin 2: Negative (-) Return / Signal Low
Pin 3: Earth Ground (PE)
```
### 4. Electronic Control Strategy: Dither
To ensure the HPV-A-R responds smoothly, the electronic driver applies **Dither**. This is a small, high-frequency AC signal superimposed on the DC control current. It keeps the internal armature in a state of "micro-vibration," which eliminates **static friction** and ensures immediate response to pressure setpoint changes.
---
- ⤷
What is the standard PWM frequency used for HPV-A-R solenoid drivers?
- ⤷ How do I troubleshoot a solenoid coil failure in this valve?
- ⤷ Is there a specific amplifier card recommended for the HPV-A-R series?