HRP3822X-R82M
AI

The **HRP3822X-R82M** is a high-current, shielded power inductor typically used in automotive and industrial electronics. This part is designed for high-density power applications where low loss and high reliability are required.
### Technical Specifications
The following table outlines the key electrical and physical characteristics of the HRP3822X-R82M:
| Parameter | Value / Specification |
| :--- | :--- |
| **Inductance** | 0.82 µH |
| **Tolerance** | ±20% (M) |
| **Current Rating (Irms)** | ~25.0 A to 30.0 A (Typical) |
| **Saturation Current (Isat)** | ~40.0 A to 50.0 A (Typical) |
| **DC Resistance (DCR)** | ~1.5 mΩ to 2.2 mΩ (Max) |
| **Case Size** | 3.8 x 2.2 mm footprint (approximate) |
| **Operating Temp** | -55°C to +155°C |
---
### Key Components & Construction
1. **Core Material**: It utilizes a composite metal powder core (often Carbonyl Iron or specialized alloys). This provides "soft saturation" characteristics, meaning the inductance drops gradually rather than abruptly as current increases.
2. **Shielding**: The inductor is magnetically shielded. This is critical for preventing Electromagnetic Interference (EMI) from affecting surrounding sensitive components in a circuit.
3. **Terminations**: The part features lead-free, SMD (Surface Mount Device) pads designed to withstand high vibration and thermal cycling, common in automotive environments.
### Typical Applications
* **DC-DC Converters**: Used in Voltage Regulator Modules (VRMs) for high-current CPUs or GPUs.
* **Automotive Electronics**: Power supplies for Advanced Driver Assistance Systems (ADAS) and Infotainment systems.
* **Battery Management Systems (BMS)**: Handling the high-frequency switching and power filtering required for battery stability.
### Part Number Breakdown
While manufacturer codes vary slightly, the nomenclature generally follows this logic:
* **HRP**: Series designation (High-current, Power, Shielded).
* **3822**: Dimensions (approx. 3.8mm x 2.2mm).
* **R82**: Inductance value (R = decimal point; 0.82 µH).
* **M**: Tolerance (M = ±20%).
- ⤷
What is the significance of 'soft saturation' in power inductors?
- ⤷ How does DCR affect the thermal efficiency of this component?
- ⤷ Are there specific layout recommendations to minimize EMI for this part?