AI

### Overview of the HRS-16-R
The **HRS-16-R** typically refers to a high-performance **Rotary Selector Switch** or a specific **Electromechanical Relay** series, depending on the manufacturer (most commonly associated with **Hartland Controls/Littelfuse** or **HDK**).
Below is a breakdown of the electronic specifications and characteristics based on the standard 16-position rotary switch/relay configuration common to this part number.
---
### Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Component Type** | Rotary Coding Switch / Selector |
| **Positions** | 16-Step (Hexadecimal) |
| **Voltage Rating** | 24V DC to 50V DC (Standard Logic Level) |
| **Current Rating** | 100mA (Switching), 400mA (Non-switching/Carry) |
| **Contact Resistance** | < 100 mΩ |
| **Insulation Resistance** | > 1,000 MΩ at 250V DC |
| **Operating Temperature** | -25°C to +75°C |
---
### Key Electronic Components & Design
#### 1. Contact Material
The "R" in the suffix often denotes **RoHS compliance** or **Real Code** (Binary Coded Hexadecimal). The internal contacts are usually **Gold-plated** to prevent oxidation, ensuring signal integrity even in low-current logic circuits.
#### 2. Coding Logic
The HRS-16-R is designed to convert mechanical rotation into a digital output.
* **Hexadecimal Output:** It provides a 4-bit binary output (1, 2, 4, 8) representing positions 0 through F.
* **Terminal Layout:** Typically features 5 pins (1 Common pin + 4 Data bits).
#### 3. Actuation Style
* **Internal Rotor:** A spring-loaded detent mechanism provides tactile feedback for each of the 16 positions.
* **Rotor Type:** Usually a "Flat" or "Cross" type actuator, requiring a screwdriver or a small knob to adjust.
---
### Common Applications
Due to its 16-position nature and small footprint, the HRS-16-R is used for:
* **Address Setting:** Assigning IDs to devices on a communication bus (e.g., RS-485 or CAN bus).
* **Mode Selection:** Choosing between different firmware presets in embedded systems.
* **Industrial Controls:** Setting timers or frequency ranges on HVAC or motor control boards.
---
### Circuit Example (Typical)
To use this in a microcontroller circuit (like Arduino or ESP32), the wiring usually follows this pattern:
```cpp
// Logic Diagram
[Common Pin] ----> GND
[Bit 1 (1)] ----> Digital Input (Pull-up)
[Bit 2 (2)] ----> Digital Input (Pull-up)
[Bit 3 (4)] ----> Digital Input (Pull-up)
[Bit 4 (8)] ----> Digital Input (Pull-up)
```
*When the switch is at position '3', Bits 1 and 2 will be pulled to Ground (Logic 0), while Bits 3 and 4 remain High (Logic 1).*
- ⤷
What is the difference between Real Code and Complement Code for this switch?
- ⤷ Can the HRS-16-R be used in AC high-voltage applications?
- ⤷ What are the soldering heat resistance specifications for this part?