HRS-33-R
AI

The **HRS-33-R** is a specific type of **Rotary Coded Switch** (often referred to as a binary coded rotary switch). These components are commonly used in industrial electronics, telecommunications, and control panels to set parameters or addresses manually.
---
### 1. Technical Specifications
The HRS-33-R is generally characterized by its miniature size and its ability to output a specific binary code based on the position of the dial.
| Feature | Specification (Typical) |
| :--- | :--- |
| **Type** | Rotary Coded Switch |
| **Output Code** | Binary Coded Decimal (BCD) or Hexadecimal |
| **Positions** | 10 Positions (0-9) or 16 Positions (0-F) |
| **Switching Rating** | 100mA, 5V DC (Non-switching: 100mA, 50V DC) |
| **Terminal Type** | Through-hole (PCB Mount) or Surface Mount (SMD) |
| **Actuator Style** | Arrow/Slot type (requires a screwdriver or tool) |
| **Contact Resistance** | 100mΩ Max |
---
### 2. Physical Construction
The "HRS" series usually follows a standard footprint for integration into printed circuit boards (PCBs).
* **R-Suffix:** The "R" in the part number often denotes **Real Code** (where the output logic matches the dial position) or a specific **Reflow-compatible** material.
* **Housing:** Usually made of heat-resistant plastic (PBT or Liquid Crystal Polymer) to withstand soldering.
* **Sealing:** Most units are "process sealed" (using an O-ring or epoxy) to allow for wave soldering and board washing without damaging the internal contacts.
---
### 3. Pin Configuration and Logic
The device typically has 4 to 6 pins. In a standard BCD (Binary Coded Decimal) setup:
* **Common (C):** The input pin connected to the voltage source or ground.
* **1 (2^0):** Least Significant Bit (LSB).
* **2 (2^1):** Second Bit.
* **4 (2^2):** Third Bit.
* **8 (2^3):** Most Significant Bit (MSB).
#### Logic Table Example (BCD):
| Dial Position | Pin 1 | Pin 2 | Pin 4 | Pin 8 |
| :--- | :--- | :--- | :--- | :--- |
| **0** | Open | Open | Open | Open |
| **1** | Closed| Open | Open | Open |
| **3** | Closed| Closed| Open | Open |
| **9** | Closed| Open | Open | Closed|
---
### 4. Common Applications
1. **Address Setting:** Used in RS-485 or CAN bus modules to give a specific ID to a device on a network.
2. **Mode Selection:** Selecting different operating modes in an embedded system without needing a digital UI.
3. **Configuration:** Setting baud rates or frequency channels on radio or communication equipment.
- ⤷
What is the difference between 'Real Code' and 'Complement Code' in these switches?
- ⤷ How do I test if an HRS-33-R is functioning correctly using a multimeter?
- ⤷ Can this switch be used to directly control high-power AC loads?